Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC7450EC Datasheet(PDF) 36 Page - Motorola, Inc

Part # MPC7450EC
Description  Freescale Semiconductor, Inc.
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC7450EC Datasheet(HTML) 36 Page - Motorola, Inc

Back Button MPC7450EC Datasheet HTML 32Page - Motorola, Inc MPC7450EC Datasheet HTML 33Page - Motorola, Inc MPC7450EC Datasheet HTML 34Page - Motorola, Inc MPC7450EC Datasheet HTML 35Page - Motorola, Inc MPC7450EC Datasheet HTML 36Page - Motorola, Inc MPC7450EC Datasheet HTML 37Page - Motorola, Inc MPC7450EC Datasheet HTML 38Page - Motorola, Inc MPC7450EC Datasheet HTML 39Page - Motorola, Inc MPC7450EC Datasheet HTML 40Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
36
MPC7450 RISC Microprocessor Hardware Specifications
MOTOROLA
System Design Information
1.9
System Design Information
This section provides system and thermal design recommendations for successful application of the
MPC7450.
1.9.1
PLL Configuration
The MPC7450 PLL is configured by the PLL_EXT and PLL_CFG[0:3] signals. For a given SYSCLK (bus)
frequency, the PLL configuration signals set the internal CPU and VCO frequency of operation. PLL_EXT
will normally be pulled low but can be asserted for extended modes of operation. The PLL configuration
for the MPC7450 is shown in Table 16 for a set of example frequencies. In this example, shaded cells
represent settings that, for a given SYSCLK frequency, result in core and/or VCO frequencies that do not
comply with the 600-MHz column in Table 8.
Table 16. MPC7450 Microprocessor PLL Configuration Example for 600 MHz Parts
PLL_EXT
PLL_CFG
[0:3]
Example Bus-to-Core Frequency in MHz (VCO Frequency in MHz)
Bus-to-
Core
Multiplier
Core-to-
VCO
Multiplier
Bus
33.3 MHz
Bus
50 MHz
Bus
66.6 MHz
Bus
75 MHz
Bus
83 MHz
Bus
100 MHz
Bus
133 MHz
0
0000
0.5x
2x
16
(33)
25
(50)
33
(66)
37
(75)
47
(83)
50
(100)
66
(133)
0
0100
2x
2x
66
(133)
100
(200)
133
(266)
150
(300)
166
(333)
200
(400)
266
(533)
0
0110
2.5x
2x
83
(166)
125
(250)
166
(333)
187
(375)
208
(415)
250
(500)
333
(666)
0
1000
3x
2x
100
(200)
150
(300)
200
(400)
225
(450)
250
(500)
300
(600)
400
(800)
0
1110
3.5x
2x
116
(233)
175
(350)
233
(466)
262
(525)
291
(581)
350
(700)
466
(933)
0
1010
4x
2x
133
(266)
200
(400)
266
(533)
300
(600)
333
(666)
400
(800)
533
(1066)
0
0111
4.5x
2x
150
(300)
225
(450)
300
(600)
337
(675)
374
(747)
450
(900)
600
(1200)
0
1011
5x
2x
166
(333)
250
(500)
333
(666)
375
(750)
415
(830)
500
(1000)
667
(1333)
0
1001
5.5x
2x
183
(366)
275
(550)
366
(733)
412
(825)
457
(913)
550
(1100)
733
(1466)
0
1101
6x
2x
200
(400)
300
(600)
400
(800)
450
(900)
498
(996)
600
(1200)
0
0101
6.5x
2x
216
(433)
325
(630)
433
(866)
488
(975)
540
(1080)
650
(1300)
0
0010
7x
2x
233
(466)
350
(700)
466
(933)
525
(1050)
581
(1162)
700
(1400)
0
0001
7.5x
2x
250
(500)
375
(750)
500
(1000)
563
(1125)
623
(1245)
750
(1500)
0
1100
8x
2x
266
(533)
400
(800)
533
(1066)
600
(1200)
664
(1328)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com