Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC7450EC Datasheet(PDF) 45 Page - Motorola, Inc

Part # MPC7450EC
Description  Freescale Semiconductor, Inc.
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC7450EC Datasheet(HTML) 45 Page - Motorola, Inc

Back Button MPC7450EC Datasheet HTML 41Page - Motorola, Inc MPC7450EC Datasheet HTML 42Page - Motorola, Inc MPC7450EC Datasheet HTML 43Page - Motorola, Inc MPC7450EC Datasheet HTML 44Page - Motorola, Inc MPC7450EC Datasheet HTML 45Page - Motorola, Inc MPC7450EC Datasheet HTML 46Page - Motorola, Inc MPC7450EC Datasheet HTML 47Page - Motorola, Inc MPC7450EC Datasheet HTML 48Page - Motorola, Inc MPC7450EC Datasheet HTML 49Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
MOTOROLA
MPC7450 RISC Microprocessor Hardware Specifications
45
System Design Information
Cool Innovations Inc.
905-760-1992
260 Spinnaker Way, Unit 8
Concord, Ontario L4K 4P9
Canada
Internet: www.coolinnovations.com
Ultimately, the final selection of an appropriate heat sink depends on many factors, such as thermal
performance at a given air velocity, spatial volume, mass, attachment method, assembly, and cost.
1.9.9.1
Internal Package Conduction Resistance
For the exposed-die packaging technology, shown in Table 3, the intrinsic conduction thermal resistance
paths are as follows:
•
The die junction-to-case (or top-of-die for exposed silicon) thermal resistance
•
The die junction-to-ball thermal resistance
Figure 25 depicts the primary heat transfer path for a package with an attached heat sink mounted to a
printed-circuit board.
Figure 25. C4 Package with Heat Sink Mounted to a Printed-Circuit Board
Heat generated on the active side of the chip is conducted through the silicon, then through the heat sink
attach material (or thermal interface material), and finally to the heat sink where it is removed by forced-air
convection.
Because the silicon thermal resistance is quite small, for a first-order analysis, the temperature drop in the
silicon may be neglected. Thus, the thermal interface material and the heat sink conduction/convective
thermal resistances are the dominant terms.
1.9.9.2
Thermal Interface Materials
A thermal interface material is recommended at the package lid-to-heat sink interface to minimize the
thermal contact resistance. For those applications where the heat sink is attached by spring clip mechanism,
Figure 26 shows the thermal performance of three thin-sheet thermal-interface materials (silicone,
External Resistance
External Resistance
Internal Resistance
(Note the internal versus external package resistance)
Radiation
Convection
Radiation
Convection
Heat Sink
Printed-Circuit Board
Thermal Interface Material
Package/Leads
Die Junction
Die/Package
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com