Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL68147IRAZ Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # ISL68147IRAZ
Description  Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus for Cavium
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68147IRAZ Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button ISL68147IRAZ Datasheet HTML 33Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 34Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 35Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 36Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 37Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 38Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 39Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 40Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
ISL68147
FN8880 Rev.2.00
Page 37 of 47
Jul 14, 2017
STATUS_WORD (79h)
Definition: Returns a summary of the device’s fault status. Based on the information in these bytes, the host can get more information
by reading the appropriate status registers. A fault in either output will be reported here. The low byte of the STATUS_WORD contains
the same information as the STATUS_BYTE (78h) command.
Paged or Global: Global
Data Length in Bytes: 2
Data Format: Bit Field
Type: Read Only
Default Value: N/A
COMMAND
STATUS_WORD (79h)
Format
Bit Field
Bit Position
15
14
13
12
11
10
9
8
7
654
32
10
Access
RR
RR
RR
RRR
RR
RR
RRR
Function
See Following Table
BIT NUMBER
STATUS BIT NAME
MEANING
15
VOUT
An output voltage fault has occurred.
14
IOUT
An output current fault has occurred.
13
INPUT
An input voltage fault has occurred.
12
MFR_SPECIFIC
A manufacturer specific event has occurred.
11
POWER_GOOD #
The POWER_GOOD signal, if present, is negated. (Note 8)
10:7
Not Used
Not used
6
OFF
This bit is asserted if the unit is not providing power to the output, regardless of the reason, including
simply not being enabled.
5
VOUT_OV_FAULT
An output overvoltage fault has occurred.
4
IOUT_OC_FAULT
An output overcurrent fault has occurred.
3
VIN_UV_FAULT
An input undervoltage fault has occurred.
2
TEMPERATURE
A temperature fault or warning has occurred.
1
CML
A communications, memory, or logic fault has occurred.
0
None of the Above
A status change other than those listed above has occurred.
NOTE:
8. If the POWER_GOOD# bit is set, this indicates that the POWER_GOOD signal, if present, is signaling that the output power is not good.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com