Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL68147IRAZ Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ISL68147IRAZ
Description  Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus for Cavium
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68147IRAZ Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ISL68147IRAZ Datasheet HTML 8Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 9Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 10Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 11Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 12Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 13Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 14Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 15Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
ISL68147
FN8880 Rev.2.00
Page 12 of 47
Jul 14, 2017
Functional Description
Overview
The ISL68147 is a digital dual output, 7-phase PWM controller
that can be programmed for a single output 7+0, dual output
6+1, 5+2, or 4+3 phase operation. Operation using less than
seven phases between two outputs is also supported. Existing
digital multiphase solutions use analog comparator-based
schemes (nonlinear) to bolster the inadequate transient
response common to many digital multiphase solutions. The
ISL68147 uses a linear voltage regulation scheme to address
transient loads. As a result, it is much easier for users to
configure and validate their designs when compared with
nonlinear schemes. By combining a proprietary low noise and
zero latency digital current sense scheme with cutting edge
digital design techniques, Intersil is able to meet transient
demands without resorting to nonlinear schemes. In addition,
the ISL68147 can store up to eight user configurations in NVM
and allows the user to select the desired configuration through
pin-strap (CONFIG). The result is a system that is easy to
configure and deploy.
A number of performance enhancing features are supported in
the ISL68147. These include diode braking, automatic phase
dropping, DCR/resistor/smart power stage current sense
support, load line regulation, and multiple temperature sensing
options.
To facilitate configuration development, PowerNavigator provides
a step-by-step arrangement for setup and parametric
adjustment. After a configuration has been set, the user can
employ PowerNavigator to monitor telemetry or use the direct
PMBus interface based on the supported command set.
PWM Modulation Scheme
The ISL68147 uses the Intersil proprietary linear synthetic current
modulation scheme to improve transient performance. This is a
unique, constant frequency, dual-edge PWM modulation scheme
with both PWM leading and trailing edges being independently
moved to give the best response to transient loads. Current
balance is an inherent part of the regulation scheme. The
modulation scheme is capable of overlapping pulses if the load
profile demands such operation. In addition, the modulator is
capable of adding or removing pulses from a given cycle in
response to regulation demands while still managing maximum
average frequency to safe levels. For DC load conditions, the
operating frequency is constant.
PMBus Address Selection
When communicating with multiple PMBus devices on a single
bus, each device must have its own unique address so the host
can distinguish between the devices. The device address can be
set using a 1% resistor on the SA pin according to the pin-strap
options listed in Table 2.
Phase Configuration
The ISL68147 supports up to two regulated outputs through
seven configurable phases. Either output is capable of controlling
up to seven phases in any arbitrary mix. Phase assignments are
accomplished using PowerNavigator.
Although the device supports arbitrary phase assignment, it is
good practice to assign phases to Output 1 in descending
sequential numerical order starting from Phase 6. For example, a
4-phase rail could consist of Phases 6, 5, 4, and 3. For Output 0,
phases would be assigned starting from Phase 0 in ascending
sequential numerical order.
Typical Performance Curves
FIGURE 6. NOMINAL SUPPLY CURRENT vs TEMPERATURE
FIGURE 7. SHUTDOWN SUPPLY CURRENT vs TEMPERATURE
0.050
0.055
0.060
0.065
0.070
0.075
0.080
0.085
0.090
0.095
0.100
-40
-20
0
20406080
100
AMBIENT TEMPERATURE (oC)
0
0.01
0.02
0.03
0.04
0.05
-40
-20
0
2040
6080
100
AMBIENT TEMPERATURE (oC)
TABLE 2. RESISTOR VALUES TO ADDRESS MAPPING
R SA
(Ω)
PMBus
ADDRESS
R SA
(Ω)
PMBus
ADDRESS
0
60h
1500
50h
180
61h
1800
51h
330
64h
2200
54h
470
65h
2700
55h
680
40h
3300
58h
820
41h
3900
59h
1000
44h
4700
5Ch
1200
45h
5600
5Dh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com