Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL68147IRAZ Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # ISL68147IRAZ
Description  Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus for Cavium
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68147IRAZ Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button ISL68147IRAZ Datasheet HTML 15Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 16Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 17Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 18Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 19Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 20Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 21Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 22Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
ISL68147
FN8880 Rev.2.00
Page 19 of 47
Jul 14, 2017
Layout and Design Considerations
In addition to TB379, the following PCB layout and design
strategies are intended to minimize noise coupling and the
impact of board parasitic impedances on converter performance.
In addition, these strategies will optimize the heat dissipating
capabilities of the printed circuit board. This section highlights
some important practices, which should be followed during the
layout process.
Table 4 provides general guidance on best practices related to
pin noise sensitivity. Good engineering judgment is required to
implement designs based on criteria specific to the situation.
FIGURE 24. BLOCK DIAGRAM OF THERMAL MONITORING
FUNCTION
TWARN
VCCS
TELEMETRY
CONTROL
TMAX
TEMP
SENSORS
TEMP
MONITOR
ADC
IC
TMONx
DELTA
VBE
FIGURE 25. THERMAL WARNING TO TWARN
LOW OT THRESHOLD
HIGH OT THRESHOLD
PWM
PGOOD
TWARN
PWM
PGOOD
TWARN
HIGH OT THRESHOLD
LOW OT THRESHOLD
FIGURE 26. OVER-TEMPERATURE FAULT
TABLE 4. PIN DESIGN AND/OR LAYOUT CONSIDERATION
PIN
NAME
NOISE
SENSITIVE
DESCRIPTION
VINSEN
Yes
Connects to the resistor divider between VIN and
GND (see Figure 17 on page 16). Filter VINSEN with
10nF to GND.
RGND
VSEN
Yes
Treat each of the remote voltage sense pairs as
differential signals in the PCB layout. They should
be routed side by side on the same layer. They
should not be routed in proximity to noisy signals
like PWM or Phase. Tie to ground when not used.
PG
No
Open-drain. 3.3V maximum pull-up voltage. Tie to
ground when not used.
SCL, SDA,
SALRT
Yes
50kHz to 2MHz signal during communication,
pair up with SALRT and route carefully. 20 mils
spacing within SDA, SALRT, and SCL, and more
than 30 mils to all other signals. Refer to the
SMBus design guidelines and place proper
termination resistance for impedance matching.
Tie to ground when not used.
TMON
Yes
When diode sensing is used, VCCS is the return
path for the delta Vbe currents. Use a separate
VCCS route specifically for diode temp sense. A
filter capacitor no greater than 500pF should be
placed between each TMON pin and at VCCS pin
near the IC. Tie to ground when not used.
TWARN
No
Open-drain. 3.3V maximum pull-up voltage.
VCC
Yes
Place at least 2.2µF MLCC decoupling capacitor
directly at the pin.
VCCS
Yes
Place 4.7µF MLCC decoupling capacitor directly
at the pin.
PWM
No
Avoid routing near noise sensitive analog lines
such as current sense or voltage sense.
CS
CSRTN
Yes
Treat each of the current sense pairs as
differential signals in the PCB layout. They should
be routed side by side on the same layer. They
should not be routed in proximity to noisy signals
like PWM or Phase. Proper routing of current
sense is perhaps the most critical of all the layout
tasks.
GND
Yes
This EPAD is the return of PWM output drivers.
Use four or more vias to directly connect the EPAD
to the power ground plane.
General
Comments
The layer next to the top or bottom layer is
preferred to be ground layers, while the signal
layers can be sandwiched in the ground layers if
possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com