Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL68147IRAZ Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # ISL68147IRAZ
Description  Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus for Cavium
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68147IRAZ Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button ISL68147IRAZ Datasheet HTML 39Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 40Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 41Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 42Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 43Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 44Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 45Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 46Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 47Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
ISL68147
FN8880 Rev.2.00
Page 45 of 47
Jul 14, 2017
APPLY_SETTINGS (E7h)
Definition: Instructs the controller to use new PMBus parameters. Send 01h to this command after making one or more changes to
certain PMBus threshold commands that require rescaling of operational values. The commands that require this are
VOUT_TRANSITION_RATE, VOUT_DROOP, VOUT_OV_FAULT_LIMIT, VIN_OV_FAULT_LIMIT, VIN_UV_FAULT_LIMIT, IIN_OC_FAULT_LIMIT,
TON_RISE, and TOFF_FALL.
Paged or Global: Global
Data Length in Bytes: 2
Data Format: Bit Field
Type: Write Only
Default Value: 01h
RESTORE_CONFIG (F2h)
Definition: Identifies the configuration to be restored from NVM and loads the store’s settings into the device’s active memory. This
command must only be sent while the outputs are disabled.
Paged or Global: Global
Data Length in Bytes: 1
Data Format: Bit Field
Type: Write Only
Default Value: N/A
COMMAND
RESTORE_CONFIG (F2h)
Format
Bit Field
Bit Position
76
54
32
10
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
See Following Table
Default Value
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
BIT NUMBER
STATUS BIT NAME
MEANING
7:4
Reserved
Reserved
3:0
CONFIG
Selected configuration to restore



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com