Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL68147IRAZ Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ISL68147IRAZ
Description  Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus for Cavium
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68147IRAZ Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ISL68147IRAZ Datasheet HTML 19Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 20Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 21Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 22Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 23Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 24Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 25Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 26Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
ISL68147
FN8880 Rev.2.00
Page 23 of 47
Jul 14, 2017
PMBus Use Guidelines
All commands can be read at any time.
Always disable the outputs when writing commands that change device settings. Exceptions to this rule are commands intended to be
written while the device is enabled, for example, OPERATION.
PMBus Data Formats
Direct (D)
The Direct data format is a 2-byte two’s complement binary integer.
Bit Field (BIT)
A breakdown of the Bit Field format is provided in “PMBus Command Detail” on page 24.
8Eh READ_TEMPERATURE_2
Reports TMON0 temperature measurement
Read
Direct
N/A
N/A
8Fh READ_TEMPERATURE_3
Reports TMON1 temperature measurement
Read
Direct
N/A
N/A
96h READ_POUT
Reports output power
Read
Direct
N/A
N/A
97h READ_PIN
Reports input power
Read
Direct
N/A
N/A
98h PMBUS_REVISION
Reports specific events
Read
Bit Field 33h
Revision 1.3
ADh IC_DEVICE_ID
Reports device identification information
Block Read Bit Field 49D22900h ISL68147
AEh IC_DEVICE_REV
Reports device revision information
Block Read Bit Field N/A
N/A
E7h APPLY_SETTINGS
Instructs device to apply PMBus configuration changes Write
Bit Field N/A
N/A
F2h RESTORE_CONFIG
Allows selection of configurations from NVM
Write
Bit Field N/A
N/A
PMBus Command Summary (Continued)
CODE
COMMAND NAME
DESCRIPTION
TYPE
DATA
FORMAT
DEFAULT
VALUE
DEFAULT SETTING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com