Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL68147IRAZ Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # ISL68147IRAZ
Description  Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus for Cavium
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68147IRAZ Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button ISL68147IRAZ Datasheet HTML 34Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 35Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 36Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 37Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 38Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 39Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 40Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 41Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
ISL68147
FN8880 Rev.2.00
Page 38 of 47
Jul 14, 2017
STATUS_VOUT (7Ah)
Definition: Returns a summary of output voltage faults.
Paged or Global: Paged
Data Length in Bytes: 1
Data Format: Bit Field
Type: Read Only
Default Value: N/A
STATUS_IOUT (7Bh)
Definition: Returns a summary of output current faults.
Paged or Global: Paged
Data Length in Bytes: 1
Data Format: Bit Field
Type: Read Only
Default Value: N/A
COMMAND
STATUS_VOUT (7Ah)
Format
Bit Field
Bit Position
76
54
32
10
Access
RR
RR
RR
R
R
Function
See Following Table
BIT NUMBER
STATUS BIT NAME
MEANING
7
VOUT_OV_FAULT
Indicates an output overvoltage fault.
6:5
Not Used
Not used
4
VOUT_UV_FAULT
Indicates an output undervoltage fault.
3
VOUT_MAX Warning
Indicates an output voltage maximum warning.
2:0
Not Used
Not used
COMMAND
STATUS_IOUT (7Bh)
Format
Bit Field
Bit Position
76
54
32
10
Access
RR
RR
RR
R
R
Function
See Following Table
BIT NUMBER
MEANING
7
An output overcurrent fault has occurred.
6
An output overcurrent and undervoltage fault has occurred.
5:4
Not used
3
A current share fault has occurred.
2:0
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com