Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL68147IRAZ Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # ISL68147IRAZ
Description  Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus for Cavium
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68147IRAZ Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button ISL68147IRAZ Datasheet HTML 20Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 21Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 22Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 23Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 24Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 25Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 26Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 27Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
ISL68147
FN8880 Rev.2.00
Page 24 of 47
Jul 14, 2017
PMBus Command Detail
PAGE (00h)
Definition: Selects Controller 0, Controller 1, or both Controllers 0 and 1 to receive commands. All commands following this command
will be received and acted on by the selected controller or controllers.
Data Length in Bytes: 1
Data Format: Bit Field
Type: R/W
Default Value: 00h
OPERATION (01h)
Definition: Sets enable state when configured for PMBus enable. Sets output voltage margin settings. The device always acts on faults
during margin. The following table reflects the valid settings for the device.
Paged or Global: Paged
Data Length in Bytes: 1
Data Format: Bit Field
Type: R/W
Default Value: 08h
COMMAND
PAGE (00h)
Format
Bit Field
Bit Position
76
54
32
10
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
See Following Table
Default Value
0
00
00
00
0
BITS 7:4
BITS 3:0
PAGE
0000
0000
0
0000
0001
1
1111
1111
Both
COMMAND
OPERATION (01h)
Format
Bit Field
Bit Position
76
54
32
10
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
See Following Table
Default Value
0
00
01
00
0
BIT NUMBER
PURPOSE
BIT VALUE
MEANING
Bits 7:6
Enable/Disable
00
Immediate off (decay)
01
Soft-off (Use TOFF_DELAY and TOFF_FALL)
10
On
Bits 5:4
VOUT Source
00
VOUT_COMMAND
01
VOUT_MARGIN_LOW
10
VOUT_MARGIN_HIGH
11
Not used
Bits 3:2
Margin Response
10
Act on faults
Bit 1:0
Not Used
0
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com