| Electronic Components Datasheet Search |
|
ISL68147IRAZ Datasheet(PDF) 18 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ISL68147IRAZ Datasheet(HTML) 18 Page - Renesas Technology Corp |
|
18 / 47 page ![]() ISL68147 FN8880 Rev.2.00 Page 18 of 47 Jul 14, 2017 Example OCP_Fast and OCP_Slow waveforms are shown in Figures 20 and 21. Smart Power Stage OC Fault Detect Intersil Smart Power Stage (SPS) devices will output a large signal on their IMON lines if the peak current exceeds their preprogrammed threshold. (For more details about this functionality, refer to the relevant SPS datasheet.) The ISL68147 is equipped to detect this fault flag and immediately shut down. This detector is enabled on the GUI Overcurrent Fault setup screen. This feature functions by detecting signals that exceed the current sense ADC full scale range. If this detector is disabled while using an Intersil SPS, the SPS Fault# signal must be connected to the controller Enable pin of the associated rail. This will ensure that and SPS OC event will be detected and the converter will shut down. Thermal Monitoring and Protection The TWARN pin indicates the temperature status of the voltage regulator. The TWARN pin is an open-drain output and an external pull-up resistor is required. This signal is valid only after the controller is enabled. The TWARN signal can be used to inform the system that the temperature of the voltage regulator is too high and the load should reduce its power consumption. TWARN only indicates a thermal warning, not a fault. The thermal monitoring function block diagram is shown in Figure 24 on page 19. The ISL68147 has two over-temperature thresholds, which allow both warning and fault indications. Each temperature sensor threshold can be independently programmed in PowerNavigator. Figure 25 on page 19 shows the thermal warning to TWARN and Figure 26 on page 19 shows the over-temperature fault to shut down. PGOOD and TWARN can be configured to indicate these warning and fault thresholds through PowerNavigator. FIGURE 20. OCP_FAST PLACEHOLDER PGOOD PWM OCP_SLOW_THRESHOLD OCP_FAST_THRESHOLD OCP_FAST COUNTER FILTER TIME CONSTANT FIGURE 21. OCP_SLOW PLACEHOLDER PGOOD PWM OCP_FAST_THRESHOLD OCP_SLOW_THRESHOLD OCP_SLOW COUNTER FILTER TIME CONSTANT FIGURE 22. POSITIVE PEAK PHASE CURRENT LIMITING TWARN PGOOD PWM POSITIVE_CURRENT_LIMITING_PER_PHASE FIGURE 23. NEGATIVE PEAK PHASE CURRENT LIMITING TWARN PGOOD PWM NEGATIVE_CURRENT_LIMITING_PER_PHASE |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |