Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL68147IRAZ Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # ISL68147IRAZ
Description  Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus for Cavium
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68147IRAZ Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button ISL68147IRAZ Datasheet HTML 39Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 40Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 41Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 42Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 43Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 44Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 45Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 46Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 47Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 46 / 47 page
background image
FN8880 Rev.2.00
Page 46 of 47
Jul 14, 2017
ISL68147
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2016-2017. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
About Intersil
Intersil Corporation is a leading provider of innovative power management and precision analog solutions. The company's products
address some of the largest markets within the industrial and infrastructure, mobile computing, and high-end consumer markets.
For the most updated datasheet, application notes, related documentation, and related parts, please see the respective product
information page found at www.intersil.com.
For a listing of definitions and abbreviations of common terms used in our documents, visit: www.intersil.com/glossary.
You can report errors or suggestions for improving this datasheet by visiting www.intersil.com/ask.
Reliability reports are also available from our website at www.intersil.com/support.
Revision History The revision history provided is for informational purposes only and is believed to be accurate, but not warranted.
Please visit our website to make sure you have the latest revision.
DATE
REVISION
CHANGE
Jul 14, 2017
FN8880.2 • Updated Table of Differences on page 3, for ISL68147 Specification Supported column, added “Cavium Thunder X2”
• Updated Figure 5 on page 9 with the attached VSD.
• Removed all references to ISL99226A
• Page 9, EC table, POWER_ON RESET AND INPUT VOLTAGE LOCKOUT section:
Enable (EN0 and EN1) Input High Level, deleted the typ value and added 2.55 as MIN.
Added a line: 'Enable (EN0 and EN1) Input Low Level', add 0.8 as MAX.
• Page 11, EC table, SMBus/PMBus section:
Changed 'SCL, SDA Input High/Low Threshold' to: 'SCL, SDA Input High Level' and set 1.55V MIN.
Added a line: 'SCL, SDA Input Low Level', added 0.8 as MAX.
• PMBus Command Detail section, changed the function from 'Two's Complement Integer' to 'Unsigned Integer' in
the tables for the following commands:
VOUT_COMMAND, VOUT_MAX, VOUT_MARGIN_HIGH,
VOUT_MARGIN_LOW, VOUT_TRANSITION_RATE,
VOUT_DROOP, VOUT_MIN, VOUT_OV_FAULT_LIMIT,
VOUT_UV_FAULT_LIMIT, VIN_OV_FAULT_LIMIT,
VIN_UV_FAULT_LIMIT, IIN_OC_FAULT_LIMIT, TON_DELAY,
TON_RISE, TOFF_DELAY, TOFF_FALL
• page 36, PMBus Command Detail, STATUS_BYTE (78h) - Data Length in Bytes: changed from ‘2’ to ‘1’
• PMBus command detail, STATUS_CML on page 40, bit 1 of the table, changed
from: 'PMBus command tried to write to a read only or protected command, or a'.
to: 'A communication fault other than the ones listed in this table has occurred.'
• page 43, PMBus Command Detail, READ_PIN, updated the 'Paged or Global' to 'Global'.
Feb 21, 2017
FN8880.1 Updated description to reflect processor name change.
Sep 28, 2016
FN8880.0 Initial release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com