Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDSUSBF Datasheet(PDF) 18 Page - TEKTRONIX, INC.

Part # TDSUSBF
Description  Digital Phosphor Oscilloscopes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TDSUSBF Datasheet(HTML) 18 Page - TEKTRONIX, INC.

Back Button TDSUSBF Datasheet HTML 14Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 15Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 16Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 17Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 18Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 19Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 20Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 21Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 22Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Keyboard port
PS/2 compatible
Mouse port
PS/2 compatible
Auxiliary input
Front panel. See trigger specifications
Auxiliary Out (Software
switchable)
Trigger Out: A TTL compatible pulse when the oscilloscope triggers
Time Base Reference Out: A TTL compatible output of internal 10 MHz reference oscillator
External time base reference in
Time base system can phase lock to an external 10 MHz reference (10 MHz ±1%)
Analog Signal Output
BNC connector provides a buffered version of the Ch3 signal. 50 mV/div ±20% into a 1 MΩ load, 25 mV/div ±20% into a 50 Ω
load. Bandwidth is 100 MHz into a 50 Ω load
Probe compensator output
Front-panel pins
Amplitude: 1 V ±20% into a ≥50 Ω load
Frequency: 1 kHz ±5%
Recovered Clock (DPO7254C and
DPO7354C only)
(Enabled by Opt. ST1G.) BNC connector, ≤1.25 Gb/s, output swing ≥130 mVp-p into 50 Ω
Recovered Data (DPO7254C and
DPO7354C only)
(Enabled by Opt. ST1G.) BNC connector, ≤1.25 Gb/s, output swing 200 mV into 50 Ω
LXI web interface (LAN eXtensions
for instrumentation)
Class: LXI Class C Version: 1.3
Power source
Power Source
100 to 240 V ±10%, 47 to 63 Hz, <550 W
115 VRMS ±10%, 360 to 440 Hz, <500 VA
Physical characteristics
Dimensions
mm
in.
Height
292
11.48
Width
451
17.75
Depth
265
10.44
Rackmount dimensions
mm
in.
Height
331
12.25
Width
479
18.85
Depth (from rack mounting ear to back of
instrument)
231.75
9.12
Weight
kg
lb.
Net
15
32
Shipping
28.9
63.75
Datasheet
Input/Output ports
18 www.tek.com/DPO7000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com