Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDSUSBF Datasheet(PDF) 15 Page - TEKTRONIX, INC.

Part # TDSUSBF
Description  Digital Phosphor Oscilloscopes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TDSUSBF Datasheet(HTML) 15 Page - TEKTRONIX, INC.

Back Button TDSUSBF Datasheet HTML 11Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 12Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 13Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 14Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 15Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 16Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 17Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 18Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 19Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Optional trigger types
Serial Pattern
Captures serial data stream with built-in clock recovery for NRZ standards up to 1.25 Gb/s. Extended with pattern lock triggering to
capture repeated acquisitions of long serial data patterns. Provided as part of Opt. ST1G.
Comm
Support for AMI, HDB3, BnZS, CMI, MLT3, and NRZ encoded signals. Provided as part of Option MTM.
I2C
Trigger on Start, Repeated Start, Stop, Missing ACK, Address (7 or 10 bit), Data (1-5 bytes), or Address and Data on I2C buses up
to 10 Mb/s. Provided as part of Opt. SR-EMBD.
SPI
Trigger on Slave Select, Idle Time, or Data (1-6 words) on SPI buses up to 10 Mb/s. Provided as part of Opt. SR-EMBD.
CAN
Trigger on Start of Frame, Frame Type (Data, Remote, Error, or Overload), Identifier, Data, Identifier and Data, End of Frame,
Missing Ack, Bit Stuff Error or CRC Error on CAN buses up to 1 Mb/s. Provided as part of Opt. SR-AUTO.
LIN
Trigger on Sync, Identifier, Data, Ident and Data, Wakeup Frame, Sleep Frame, and Error on LIN buses up to 1 Mb/s. Provided as
part of Opt. SR-AUTO.
FlexRay
Trigger on Indicator Bits (Normal, Payload, Null, Sync, Startup), Cycle Count, Header Fields (Indicator Bits, Identifier, Payload
Length, Header CRC, and Cycle Count), Identifier, Data, Identifier and Data, End Of Frame, and Error on FlexRay buses up to
10 Mb/s. Provided as part of Opt. SR-AUTO.
MIL-STD-1553B
Trigger on Sync, Command Word, Status Word, Data Word, Idle Time, and Error on MIL-STD-1553 buses up to 1 Mb/s. Provided
as part of Opt. SR-AERO.
RS-232/422/485/UART
Trigger on Start Bit, End of Packet, Data (1-5 words), and Parity Error on RS-232 buses up to 10 Mb/s. Provided as part of Opt.
SR-COMP.
USB 2.0 Low speed
Trigger on Sync, Reset, Suspend, Resume, End of Packet, Token (Address) Packet, Data Packet, Handshake Packet, Special
Packet, Error. Provided as part of Opt. SR-USB.
Token Packet Trigger – Any token type, SOF, OUT, IN, SETUP; Address can be specified for Any, OUT, IN, and SETUP token
types. Address can be further specified to trigger on ≤, <, =, >, ≥, != a particular value, or inside or outside a range. Frame number
can be specified for SOF token using Binary, Hex, Unsigned Decimal, and Don't Care digits.
Data Packet Trigger – Any data type, DATA0, DATA1; Data can be further specified to trigger on ≤, <, =, >, ≥, != a particular data
value, or inside or outside of a range.
Handshake Packet Trigger – Any handshake type, ACK, NAK, STALL.
Special Packet Trigger – Any special type, Reserved.
Error Trigger – PID Check, CRC5 or CRC16, Bit Stuffing.
USB 2.0 Full speed
Trigger on Sync, Reset, Suspend, Resume, End of Packet, Token (Address) Packet, Data Packet, Handshake Packet, Special
Packet, Error. Provided as part of Opt. SR-USB.
Token Packet Trigger – Any token type, SOF, OUT, IN, SETUP; Address can be specified for Any, OUT, IN, and SETUP token
types. Address can be further specified to trigger on ≤, <, =, >, ≥, != a particular value, or inside or outside a range. Frame number
can be specified for SOF token using Binary, Hex, Unsigned Decimal, and Don't Care digits.
Data Packet Trigger – Any data type, DATA0, DATA1; Data can be further specified to trigger on ≤, <, =, >, ≥, != a particular data
value, or inside or outside a range.
Handshake Packet Trigger – Any handshake type, ACK, NAK, STALL.
Special Packet Trigger – Any special type, PRE, Reserved.
Error Trigger – PID Check, CRC5 or CRC16, Bit Stuffing.
USB 2.0 High speed
No protocol-level triggering. Provided as part of Opt. SR-USB.
USB 2.0 High speed decoding and search only available on ≥1 GHz models.
DPO7000C Series Datasheet - DPO7000C Series
Pinpoint® trigger system
www.tek.com/DPO7000 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com