Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDSUSBF Datasheet(PDF) 5 Page - TEKTRONIX, INC.

Part # TDSUSBF
Description  Digital Phosphor Oscilloscopes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TDSUSBF Datasheet(HTML) 5 Page - TEKTRONIX, INC.

  TDSUSBF Datasheet HTML 1Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 2Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 3Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 4Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 5Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 6Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 7Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 8Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Digital phosphor technology
The DPO7000C Series' digital phosphor technology provides you with fast
insight into the real operation of your device. Its fast waveform capture rate
– greater than 250,000 wfm/s – gives you a high probability of quickly
seeing the infrequent problems common in digital systems: runt pulses,
glitches, timing issues, and more.
Digital phosphor technology enables greater than 250,000 wfm/s waveform capture rate
and real-time color grading on the DPO7000C Series.
Waveforms are superimposed with one another and waveform points are
color coded by frequency of occurrence. This quickly highlights the events
that occur more often over time or, in the case of infrequent anomalies,
occur less often.
With the DPO7000C Series, you can choose infinite persistence or variable
persistence, determining how long the previous waveform acquisitions stay
on-screen. This allows you to determine how often an anomaly is occurring.
Visual Trigger – Find the signal of interest
quickly
Finding the right cycle of a complex bus can require hours of collecting and
sorting through thousands of acquisitions for an event of interest. Defining a
trigger that isolates the desired event speeds up debug and analysis
efforts.
Visual Trigger qualifies the Tektronix Pinpoint Triggers by scanning through
all waveform acquisitions and comparing them to on-screen areas
(geometric shapes). Up to eight areas can be created using a mouse or
touchscreen, and a variety of shapes (triangles, rectangles, hexagons, or
trapezoids) can be used to specify the desired trigger behavior. Once
shapes are created, they can be edited interactively to create ideal trigger
conditions
Visual Trigger extends the Tektronix oscilloscope's triggering capabilities
for a wide variety of complex signals as illustrated by the examples shown
here.
Customized serial triggering. Visual Trigger set to find a serial data pattern of 1101 0101.
Multiple channel triggering. Visual Trigger areas can be associated with events spanning
multiple channels such as packets transmitted on two USB2.0 buses simultaneously.
By triggering only on the most important signal events, Visual Trigger can
save hours of capturing and manually searching through acquisitions. In
seconds or minutes, you can find the critical events and complete your
debug and analysis efforts. Using the Mark All Trigger Events feature, once
your Visual Trigger is set, your oscilloscope can automatically search the
entire acquired waveform for all events with the same characteristics and
mark them for you - a great time-saving feature.
DDR memory bus events involve clocks, strobes and data channels as well
as multiple amplitudes and bursts of data.
DPO7000C Series Datasheet - DPO7000C Series
www.tek.com/DPO7000 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com