Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDSUSBF Datasheet(PDF) 19 Page - TEKTRONIX, INC.

Part # TDSUSBF
Description  Digital Phosphor Oscilloscopes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TDSUSBF Datasheet(HTML) 19 Page - TEKTRONIX, INC.

Back Button TDSUSBF Datasheet HTML 15Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 16Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 17Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 18Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 19Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 20Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 21Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 22Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 23Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Rackmount weight
kg
lb.
Net
17.4
37.5
Kit
2.5
5.5
Cooling – Required clearance
mm
in.
Top
0
0
Bottom
0
0
Left Side
76
3
Right Side
0
0
Front
0
0
Rear
0
0
Environmental
Temperature
Operating
+5 °C to +45 °C, with noncondensing conditions
Nonoperating
–40 °C to +71 °C, with 15 °C/hour maximum gradient, without CD/DVD media installed in disk drive
Humidity
Operating
8% to 80% relative humidity (RH) with a maximum wet bulb temperature of 29 °C at or below +45 °C, noncondensing. Upper limit
derated to 30% RH at +45 °C
Nonoperating
5% to 90% relative humidity (RH) with a maximum wet bulb temperature of 29 °C at or below +60 °C, noncondensing. Upper limit
derated to 20% RH at +60 °C
Altitude
Operating
3,000 m (9,843 ft.)
Nonoperating
12,192 m (40,000 ft.)
Regulatory
Electromagnetic compatibility 2004/108/EC
Certifications
UL61010-1; CSA61010-1, EN61010-1; IEC 61010-1
DPO7000C Series Datasheet - DPO7000C Series
Physical characteristics
www.tek.com/DPO7000 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com