Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDSUSBF Datasheet(PDF) 23 Page - TEKTRONIX, INC.

Part # TDSUSBF
Description  Digital Phosphor Oscilloscopes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TDSUSBF Datasheet(HTML) 23 Page - TEKTRONIX, INC.

Back Button TDSUSBF Datasheet HTML 19Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 20Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 21Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 22Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 23Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 24Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 25Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 26Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 27Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Option
Description
DPOFL-SR-DPHY
MIPI® D-PHY Serial Analysis. Enables analysis of MIPI DSI-1 and CSI-2 buses with analytical tools such as digital views of the
signal, bus views, and packet decoding
DPOFL-SR-EMBD
Embedded Serial Triggering and Analysis (I2C, SPI). Enables triggering on packet-level information on I2C and SPI buses as well
as analytical tools such as digital views of the signal, bus views, and packet decoding
DPOFL-SR-ENET
Ethernet Serial Analysis (10BASE-T and 100BASE-TX) Ethernet Serial Analysis. Enables analysis of Ethernet buses with
analytical tools such as digital views of the signal, bus views, and packet decoding
DPOFL-SR-PCIE
PCI Express Serial Analysis. Enables analysis of PCI Express buses with analytical tools such as digital views of the signal, bus
views, and packet decoding (For models of bandwidth ≥1 GHz only) (Due to large volumes of data, use of standard high-capacity
hard drive rather than the smaller SSD is recommended)
DPOFL-SR-USB
USB 2.0 Serial Triggering and Analysis (LS, FS, HS). Enables triggering on packet-level content for low-speed and full-speed
USB serial buses. Also enables analytical tools such as digital views of the signal, bus views, and packet decoding for low-speed,
full-speed, and high-speed USB serial buses. USB High Speed supported only on ≥1 GHz models
DPOFL-SR-810B
8b/10b Serial Analysis. Enables analysis of 8b/10b buses with analytical tools such as digital views of the signal, bus views, and
packet decoding
DPOFL- ST1G
64-bit NRZ Serial Trigger and 8b/10b Serial Protocol Decode (includes Opt. SR-810B) (For models of bandwidth ≥2.5 GHz only)
DPOFL-SVA
SignalVu® AM/FM/PM Audio Signal Analysis (Requires Opt. SVE)
DPOFL-SVE
SignalVu® Essentials – Vector Signal Analysis Software
DPOFL-SVM
SignalVu® General Purpose Modulation Analysis (Requires Opt. SVE)
DPOFL-SVO
SignalVu® Flexible OFDM Analysis (Requires Opt. SVE)
DPOFL-SVP
SignalVu® Advanced Signal Analysis (including pulse measurements) (Requires Opt. SVE)
DPOFL-SVT
SignalVu® Frequency and Phase Settling Time Measurements (Requires Opt. SVE)
DPOFL-SV23
WLAN 802.11a/b/g measurement application (Requires Opt. SVE) (For models of bandwidth ≥2.5 GHz only)
DPOFL-SV24
WLAN 802.11n measurement application (Requires Opt. SVE and SV23) (For models of bandwidth ≥2.5 GHz only)
DPOFL-SV26
SignalVu® APCO P25 measurements (Requires Opt. SVE)
DPOFL-SV27
SignalVu® Bluetooth Basic LE TX SIG measurements (Requires Opt. SVE) (For models of bandwidth ≥2.5 GHz only)
DPOFL-SV28
SignalVu® LTE Downlink RF measurements (Requires Opt. SVE) (For models of bandwidth ≥1 GHz only)
DPOFL-USB2
USB 2.0 Automated Compliance Test Application (Requires TDSUSBF USB Test Fixture) ≥2 GHz bandwidth required for high-
speed USB.
DPOFL-USBPWR
Automated compliance test solution for USB power adapters
DPOFL-XGBT2
TekExpress Automated 10GBASE-T Compliance Test Software (Requires TF-XGbt Test Fixture) (For DPO7354C model only)
Power plug options
Opt. A0
North America power plug (115 V, 60 Hz)
Opt. A1
Universal Euro power plug (220 V, 50 Hz)
Opt. A2
United Kingdom power plug (240 V, 50 Hz)
Opt. A3
Australia power plug (240 V, 50 Hz)
Opt. A5
Switzerland power plug (220 V, 50 Hz)
Opt. A6
Japan power plug (100 V, 50/60 Hz)
Opt. A10
China power plug (50 Hz)
Opt. A11
India power plug (50 Hz)
Opt. A12
Brazil power plug (60 Hz)
Opt. A99
No power cord
DPO7000C Series Datasheet - DPO7000C Series
www.tek.com/DPO7000 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com