Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC5410X Datasheet(PDF) 18 Page - NXP Semiconductors

Part # LPC5410X
Description  32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC5410X Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button LPC5410X Datasheet HTML 14Page - NXP Semiconductors LPC5410X Datasheet HTML 15Page - NXP Semiconductors LPC5410X Datasheet HTML 16Page - NXP Semiconductors LPC5410X Datasheet HTML 17Page - NXP Semiconductors LPC5410X Datasheet HTML 18Page - NXP Semiconductors LPC5410X Datasheet HTML 19Page - NXP Semiconductors LPC5410X Datasheet HTML 20Page - NXP Semiconductors LPC5410X Datasheet HTML 21Page - NXP Semiconductors LPC5410X Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 95 page
background image
LPC5410x
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.11 — 19 September 2019
18 of 95
NXP Semiconductors
LPC5410x
32-bit ARM Cortex-M4/M0+ microcontroller
[1]
PU = input mode, pull-up enabled (pull-up resistor pulls up pin to VDD). Z = high impedance; pull-up or pull-down disabled.
Reset state reflects the pin state at reset without boot code operation. For pin states in the different power modes, see Section 6.2.2 “Pin
states in different power modes”. For termination on unused pins, see Section 6.2.1 “Termination of unused pins”.
[2]
5 V tolerant pad with programmable glitch filter (5 V tolerant if VDD present; if VDD not present, do not exceed 3.6 V); provides digital I/O
functions with TTL levels and hysteresis; normal drive strength. See Figure 27. Pulse width of spikes or glitches suppressed by input
filter is from 3 ns to 16 ns (simulated value).
[3]
True open-drain pin. I2C-bus pins compliant with the I2C-bus specification for I2C standard mode, I2C Fast-mode, and I2C Fast-mode
Plus. The pin requires an external pull-up to provide output functionality. When power is switched off, this pin is floating and does not
disturb the I2C lines. Open-drain configuration applies to all functions on this pin.
PIO1_14
-
57 [2] PU I/O PIO1_14 — General-purpose digital input/output pin.
I
R — Reserved.
I
U2_RXD — Receiver input for USART2.
O
SCT0_OUT7 — SCT0 output 7.
I/O SPI1_MISO — Master In Slave Out for SPI1.
PIO1_15
-
62 [2] PU I/O PIO1_15 — General-purpose digital input/output pin.
I
R — Reserved.
O
SCT0_OUT5 — SCT0 output 5.
I
CT32B1_CAP3 — 32-bit CT32B1 capture input 3.
I/O SPI1_SSEL0 — Slave Select 0 for SPI1.
PIO1_16
-
7
[2] PU I/O PIO1_16 — General-purpose digital input/output pin.
I
R — Reserved.
O
CT32B0_MAT0 — 32-bit CT32B0 match output 0.
I
CT32B0_CAP0 — 32-bit CT32B0 capture input 0.
I/O SPI1_SSEL1 — Slave Select 1 for SPI1.
PIO1_17
-
10 [2] PU I/O PIO1_17 — General-purpose digital input/output pin.
RESET
G1 64 [5] PU I
External reset input: A LOW on this pin resets the device, causing I/O ports and
peripherals to take on their default states, and processor execution to begin at
address 0. Wakes up the part from deep power-down mode.
RTCXIN
A7 33
-
-
RTC oscillator input.
RTCXOUT
B7 35
-
-
RTC oscillator output.
VREFP
B4 22
-
-
ADC positive reference voltage.
VREFN
-
21
-
-
ADC negative reference voltage.
VDDA
A4 23
-
-
Analog supply voltage.
VDD
C4,
F4
8,
24,
56,
34
-
-
Single 1.62 V to 3.6 V power supply powers internal digital functions and I/Os.
VSS
D4,
E4
9,
25,
55
-
-
Ground.
VSSA
A3 20
-
-
Analog ground.
Table 4.
Pin description …continued
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com