Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC5410X Datasheet(PDF) 30 Page - NXP Semiconductors

Part # LPC5410X
Description  32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC5410X Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button LPC5410X Datasheet HTML 26Page - NXP Semiconductors LPC5410X Datasheet HTML 27Page - NXP Semiconductors LPC5410X Datasheet HTML 28Page - NXP Semiconductors LPC5410X Datasheet HTML 29Page - NXP Semiconductors LPC5410X Datasheet HTML 30Page - NXP Semiconductors LPC5410X Datasheet HTML 31Page - NXP Semiconductors LPC5410X Datasheet HTML 32Page - NXP Semiconductors LPC5410X Datasheet HTML 33Page - NXP Semiconductors LPC5410X Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 95 page
background image
LPC5410x
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.11 — 19 September 2019
30 of 95
NXP Semiconductors
LPC5410x
32-bit ARM Cortex-M4/M0+ microcontroller
7.18.2.1 Features
• Two 16-bit counters or one 32-bit counter.
• Counter(s) clocked by bus clock or selected input.
• Up counter(s) or up-down counter(s).
• State variable allows sequencing across multiple counter cycles.
• Event combines input or output condition and/or counter match in a specified state.
• Events control outputs, interrupts, and the SCT states.
– Match register 0 can be used as an automatic limit.
– In bi-directional mode, events can be enabled based on the count direction.
– Match events can be held until another qualifying event occurs.
• Selected event(s) can limit, halt, start, or stop a counter.
• Supports:
– 8 inputs (6 GPIO pins, ADC0_THCMP_IRQ, DEBUG_HALTED)
– up to 8 outputs
– 13 match/capture registers
– 13 events
– 13 states
• PWM capabilities including dead time and emergency abort functions
7.18.3 Windowed WatchDog Timer (WWDT)
The purpose of the watchdog is to reset the controller if software fails to periodically
service it within a programmable time window.
7.18.3.1 Features
• Internally resets chip if not reloaded during the programmable time-out period.
• Optional windowed operation requires reload to occur between a minimum and
maximum time-out period, both programmable.
• Optional warning interrupt can be generated at a programmable time prior to
watchdog time-out.
• Programmable 24-bit timer with internal fixed pre-scaler.
• Selectable time period from 1,024 watchdog clocks (TWDCLK  256  4) to over 67
million watchdog clocks (TWDCLK  224  4) in increments of 4 watchdog clocks.
• “Safe” watchdog operation. Once enabled, requires a hardware reset or a Watchdog
reset to be disabled.
• Incorrect feed sequence causes immediate watchdog event if enabled.
• The watchdog reload value can optionally be protected such that it can only be
changed after the “warning interrupt” time is reached.
• Flag to indicate Watchdog reset.
• The Watchdog clock (WDCLK) source is the fixed 500 kHz clock (+/- 40%) provided
by the low-power watchdog oscillator.
• The Watchdog timer can be configured to run in deep sleep or power down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com