Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC5410X Datasheet(PDF) 60 Page - NXP Semiconductors

Part # LPC5410X
Description  32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC5410X Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button LPC5410X Datasheet HTML 56Page - NXP Semiconductors LPC5410X Datasheet HTML 57Page - NXP Semiconductors LPC5410X Datasheet HTML 58Page - NXP Semiconductors LPC5410X Datasheet HTML 59Page - NXP Semiconductors LPC5410X Datasheet HTML 60Page - NXP Semiconductors LPC5410X Datasheet HTML 61Page - NXP Semiconductors LPC5410X Datasheet HTML 62Page - NXP Semiconductors LPC5410X Datasheet HTML 63Page - NXP Semiconductors LPC5410X Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 95 page
background image
LPC5410x
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.11 — 19 September 2019
60 of 95
NXP Semiconductors
LPC5410x
32-bit ARM Cortex-M4/M0+ microcontroller
11.5 System PLL
[1]
Data based on characterization results, not tested in production.
[2]
PLL set-up requires high-speed start-up and transition to normal mode. Lock times are only valid when
high-speed start-up settings are applied followed by normal mode settings. The procedure for setting up the
PLL is described in the LPC5410x user manual.
[3]
PLL current measured using lowest CCO frequency to obtain the desired output frequency.
Table 21.
PLL lock times and current
Tamb = 40 C to +105 C, unless otherwise specified. VDD = 1.62 V to 3.6 V
Symbol
Parameter
Conditions
Min
Typ Max
Unit
PLL configuration: input frequency 12 MHz; output frequency 75 MHz
tlock(PLL)
PLL lock time
PLL set-up procedure followed [2]
400
s
IDD(PLL)
PLL current
when locked
[1][3]
-
-
550
A
PLL configuration: input frequency 12 MHz; output frequency 100 MHz
tlock(PLL)
PLL lock time
PLL set-up procedure followed [2]
-
-
400
s
IDD(PLL)
PLL current
when locked
[1][3]
-
-
750
A
PLL configuration: input frequency 32.768 kHz; output frequency 75 MHz
tlock(PLL)
PLL lock time
-
[1]
6250
s
IDD(PLL)
PLL current
when locked
[1][3]
-
-
450
A
PLL configuration: input frequency 32.768 kHz; output frequency 100 MHz
tlock(PLL)
PLL lock time
-
[1]
-
-
6250
s
IDD(PLL)
PLL current
when locked
[1][3]
-
-
560
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com