Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC5410X Datasheet(PDF) 31 Page - NXP Semiconductors

Part # LPC5410X
Description  32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC5410X Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button LPC5410X Datasheet HTML 27Page - NXP Semiconductors LPC5410X Datasheet HTML 28Page - NXP Semiconductors LPC5410X Datasheet HTML 29Page - NXP Semiconductors LPC5410X Datasheet HTML 30Page - NXP Semiconductors LPC5410X Datasheet HTML 31Page - NXP Semiconductors LPC5410X Datasheet HTML 32Page - NXP Semiconductors LPC5410X Datasheet HTML 33Page - NXP Semiconductors LPC5410X Datasheet HTML 34Page - NXP Semiconductors LPC5410X Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 95 page
background image
LPC5410x
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.11 — 19 September 2019
31 of 95
NXP Semiconductors
LPC5410x
32-bit ARM Cortex-M4/M0+ microcontroller
• Debug mode.
7.18.4 RTC timer
The RTC block has two timers: main RTC timer, and high-resolution/wake-up timer. The
main RTC timer is a 32-bit timer that uses a 1 Hz clock and is intended to run continuously
as a real-time clock. When the timer value reaches a match value, an interrupt is raised.
The alarm interrupt can also wake up the part from any low power mode, if enabled.
The high-resolution or wake-up timer is a 16-bit timer that uses a 1 kHz clock and
operates as a one-shot down timer. When the timer is loaded, it starts counting down to 0
at which point an interrupt is raised. The interrupt can wake up the part from any low
power mode, if enabled. This timer is intended to be used for timed wake-up from deep
sleep, power down, or deep power-down modes. The high-resolution wake-up timer can
be disabled to conserve power if not used.
The RTC timer uses the 32 kHz clock input to create a 1 Hz or 1 kHz clock
7.18.4.1 Features
• The RTC oscillator has the following clock outputs:
– 32 kHz clock, selectable for system clock and CLKOUT pin.
– 1 Hz clock for RTC timing.
– 1 kHz clock for high-resolution RTC timing.
• 32-bit, 1 Hz RTC counter and associated match register for alarm generation.
• Separate 16-bit high-resolution/wake-up timer clocked at 1 kHz for 1 ms resolution
with a more that one minute maximum time-out period.
• RTC alarm and high-resolution/wake-up timer time-out each generate independent
interrupt requests. Either time-out can wake up the part from any of the low power
modes, including deep power-down.
7.18.5 Multi-Rate Timer (MRT)
The Multi-Rate Timer (MRT) provides a repetitive interrupt timer with four channels. Each
channel can be programmed with an independent time interval, and each channel
operates independently from the other channels.
7.18.5.1 Features
• 24-bit interrupt timer.
• Four channels independently counting down from individually set values.
• Repeat interrupt, one-shot interrupt, and one-shot bus stall modes.
7.18.6 Repetitive Interrupt Timer (RIT)
The Repetitive Interrupt Timer provides a versatile means of generating interrupts at
specified time intervals, without using a standard timer. It is intended for repeating
interrupts that are not related to Operating System interrupts. However, it could be used
as an alternative to the System Tick Timer if there are different system requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com