Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC5410X Datasheet(PDF) 27 Page - NXP Semiconductors

Part # LPC5410X
Description  32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC5410X Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button LPC5410X Datasheet HTML 23Page - NXP Semiconductors LPC5410X Datasheet HTML 24Page - NXP Semiconductors LPC5410X Datasheet HTML 25Page - NXP Semiconductors LPC5410X Datasheet HTML 26Page - NXP Semiconductors LPC5410X Datasheet HTML 27Page - NXP Semiconductors LPC5410X Datasheet HTML 28Page - NXP Semiconductors LPC5410X Datasheet HTML 29Page - NXP Semiconductors LPC5410X Datasheet HTML 30Page - NXP Semiconductors LPC5410X Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 95 page
background image
LPC5410x
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.11 — 19 September 2019
27 of 95
NXP Semiconductors
LPC5410x
32-bit ARM Cortex-M4/M0+ microcontroller
• Multiprocessor/multidrop (9-bit) mode with software address compare.
• RS-485 transceiver output enable.
• Autobaud mode for automatic baud rate detection
• Parity generation and checking: odd, even, or none.
• Software selectable oversampling from 5 to 16 clocks in asynchronous mode.
• One transmit and one receive data buffer.
• RTS/CTS for hardware signaling for automatic flow control. Software flow control can
be performed using Delta CTS detect, Transmit Disable control, and any GPIO as an
RTS output.
• FIFO support from the System FIFO.
• Received data and status can optionally be read from a single register
• Break generation and detection.
• Receive data is 2 of 3 sample "voting". Status flag set when one sample differs.
• Built-in Baud Rate Generator with auto-baud function.
• A fractional rate divider is shared among all USARTs.
• Interrupts available for Receiver Ready, Transmitter Ready, Receiver Idle, change in
receiver break detect, Framing error, Parity error, Overrun, Underrun, Delta CTS
detect, and receiver sample noise detected.
• Loopback mode for testing of data and flow control.
• In synchronous slave mode, wakes up the part from deep sleep and power down
modes.
• Special operating mode allows operation at up to 9600 baud using the 32 kHz RTC
oscillator as the UART clock. This mode can be used while the device is in deep sleep
or power down mode and can wake-up the device when a character is received.
• USART transmit and receive functions work with the system DMA controller.
• Activity on the USART synchronous slave mode allows wake-up from deep sleep and
power down modes on any enabled interrupt.
7.16.2 SPI serial I/O controller
7.16.2.1 Features
• Master and slave operation.
• Maximum supported bit rate for SPI master mode is 48 Mbit/s, and the maximum
supported bit rate for SPI slave mode is 21 Mbit/s.
• Data frames of 1 to 16 bits supported directly. Larger frames supported by software or
DMA set-up.
• Data can be transmitted to a slave without the need to read incoming data. This can
be useful while setting up an SPI memory.
• Control information can optionally be written along with data. This allows very
versatile operation, including “any length” frames.
• Up to four Slave Select input/outputs with selectable polarity and flexible usage.
• Supports DMA transfers: SPIn transmit and receive functions can operated with the
system DMA controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com