Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC5410X Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LPC5410X
Description  32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC5410X Datasheet(HTML) 5 Page - NXP Semiconductors

  LPC5410X Datasheet HTML 1Page - NXP Semiconductors LPC5410X Datasheet HTML 2Page - NXP Semiconductors LPC5410X Datasheet HTML 3Page - NXP Semiconductors LPC5410X Datasheet HTML 4Page - NXP Semiconductors LPC5410X Datasheet HTML 5Page - NXP Semiconductors LPC5410X Datasheet HTML 6Page - NXP Semiconductors LPC5410X Datasheet HTML 7Page - NXP Semiconductors LPC5410X Datasheet HTML 8Page - NXP Semiconductors LPC5410X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 95 page
background image
LPC5410x
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.11 — 19 September 2019
5 of 95
NXP Semiconductors
LPC5410x
32-bit ARM Cortex-M4/M0+ microcontroller
3. Ordering information
3.1 Ordering options
[1]
All of the parts include five 32-bit general-purpose timers, one State-Configurable Timer with PWM
capabilities (SCTimer/PWM), one RTC/alarm timer, one 24-bit Multi-Rate Timer (MRT), a Windowed
Watchdog Timer (WWDT), four USARTs, two SPIs, three Fast-mode plus I2C-bus interfaces with
high-speed slave mode, and one 12-bit 5.0 Msamples/sec ADC.
4. Marking
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC54102J512UK49 WLCSP49 wafer level chip-size package; 49 (7 x 7) bumps; 3.288 x 3.288 x 0.54 mm -
LPC54102J256UK49 WLCSP49 wafer level chip-size package; 49 (7 x 7) bumps; 3.288 x 3.288 x 0.54 mm -
LPC54101J512UK49 WLCSP49 wafer level chip-size package; 49 (7 x 7) bumps; 3.288 x 3.288 x 0.54 mm -
LPC54101J256UK49 WLCSP49 wafer level chip-size package; 49 (7 x 7) bumps; 3.288 x 3.288 x 0.54 mm -
LPC54102J512BD64 LQFP64
plastic low profile quad flat package; 64 leads; body 10
 10  1.4 mm
SOT314-2
LPC54102J256BD64 LQFP64
plastic low profile quad flat package; 64 leads; body 10
 10  1.4 mm
SOT314-2
LPC54101J512BD64 LQFP64
plastic low profile quad flat package; 64 leads; body 10
 10  1.4 mm
SOT314-2
LPC54101J256BD64 LQFP64
plastic low profile quad flat package; 64 leads; body 10
 10  1.4 mm
SOT314-2
Table 2.
Ordering options
Type number
Device order part number Flash/kB Total SRAM/kB
Core M4 w/ FPU
Core
M0+
GPIO
LPC54102J512UK49
LPC54102J512UK49Z
512
104
1
1
39
LPC54102J256UK49
LPC54102J256UK49Z
256
104
1
1
39
LPC54101J512UK49
LPC54101J512UK49Z
512
104
1
0
39
LPC54101J256UK49
LPC54101J256UK49Z
256
104
1
0
39
LPC54102J512BD64
LPC54102J512BD64QL
512
104
1
1
50
LPC54102J256BD64
LPC54102J256BD64QL
256
104
1
1
50
LPC54101J512BD64
LPC54101J512BD64QL
512
104
1
0
50
LPC54101J256BD64
LPC54101J256BD64QL
256
104
1
0
50
Fig 1.
LQFP64 package marking
Fig 2.
WLCSP49 package marking
1
n
Terminal 1 index area
aaa-011231
aaa-015675
Terminal 1
index area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com