Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC5410X Datasheet(PDF) 51 Page - NXP Semiconductors

Part # LPC5410X
Description  32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC5410X Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button LPC5410X Datasheet HTML 47Page - NXP Semiconductors LPC5410X Datasheet HTML 48Page - NXP Semiconductors LPC5410X Datasheet HTML 49Page - NXP Semiconductors LPC5410X Datasheet HTML 50Page - NXP Semiconductors LPC5410X Datasheet HTML 51Page - NXP Semiconductors LPC5410X Datasheet HTML 52Page - NXP Semiconductors LPC5410X Datasheet HTML 53Page - NXP Semiconductors LPC5410X Datasheet HTML 54Page - NXP Semiconductors LPC5410X Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 95 page
background image
LPC5410x
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.11 — 19 September 2019
51 of 95
NXP Semiconductors
LPC5410x
32-bit ARM Cortex-M4/M0+ microcontroller
10.4 Pin characteristics
Table 16.
Static characteristics: pin characteristics
Tamb = 40 C to +105 C, unless otherwise specified. 1.62 V  VDD  3.6 V unless otherwise specified. Values tested in
production unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
RESET pin
VIH
HIGH-level input voltage
0.8
 VDD -
5.0
V
VIL
LOW-level input voltage
0.5
-
0.3
 VDD V
Vhys
hysteresis voltage
[9] 0.05
 VDD --
V
Standard I/O pins
Input characteristics
IIL
LOW-level input current
VI = 0 V; on-chip pull-up resistor
disabled
-
3.0
180
nA
IIH
HIGH-level input current
VI = VDD; VDD = 3.6 V; for RESETN
pin
3.0
180
nA
IIH
HIGH-level input current
VI = VDD; on-chip pull-down resistor
disabled
-
3.0
180
nA
VI
input voltage
pin configured to provide a digital
function;
VDD  1.8 V
[3]
0
-
5.0
V
VDD = 0 V
0
-
3.6
V
VIH
HIGH-level input voltage
1.62 V
 VDD < 2.7 V
1.5
-
5.0
V
2.7 V
 VDD  3.6 V
2.0
-
5.0
V
VIL
LOW-level input voltage
1.62 V
 VDD < 2.7 V
0.5
-
+0.4
V
2.7 V
 VDD  3.6 V
0.5
-
+0.8
V
Vhys
hysteresis voltage
[9] 0.1
 VDD --
V
Output characteristics
VO
output voltage
output active
0
-
VDD
V
IOZ
OFF-state output current
VO = 0 V; VO = VDD; on-chip
pull-up/pull-down resistors disabled
-
3
180
nA
VOH
HIGH-level output voltage IOH = 4 mA; 1.62 V  VDD < 2.7 V
VDD  0.4
-
-
V
IOH = 6 mA; 2.7 V  VDD  3.6 V
VDD  0.4
VOL
LOW-level output voltage IOL = 4 mA; 1.62 V  VDD < 2.7 V
-
-
0.4
V
IOL = 6 mA; 2.7 V  VDD 3.6 V
-
-
0.4
V
IOH
HIGH-level output current VOH = VDD  0.4 V;
1.62 V
 VDD < 2.7 V
4.0
-
-
mA
VOH = VDD  0.4 V;
2.7 V
 VDD  3.6 V
6.0
-
-
mA
IOL
LOW-level output current VOL = 0.4 V; 1.62 V  VDD < 2.7 V
4.0
-
-
mA
VOL = 0.4 V; 2.7 V  VDD  3.6 V
6.0
-
-
mA
IOHS
HIGH-level short-circuit
output current
1.62 V
 VDD < 2.7 V
[2][4] -
-
35
mA
drive HIGH; connected to
ground;
2.7 V
 VDD  3.6 V
-
-
87
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com