Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF5024AMMA0ES Datasheet(PDF) 72 Page - NXP Semiconductors

Part # MPF5024AMMA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5024AMMA0ES Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button MPF5024AMMA0ES Datasheet HTML 68Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 69Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 70Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 71Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 72Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 73Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 74Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 75Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 93 page
background image
NXP Semiconductors
PF5024
Power management integrated circuit (PMIC) for high performance applications
PF5024
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
72 / 93
MR
ADDR
FUSE
ADDR
Register name BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
BD
1D
OTP SW4
PWRUP
OTP_SW4_SEQ[7:0]
BE
1E
OTP SW4
CONFIG1
OTP_SW4UV_TH[1:0]
OTP_SW4OV_TH[1:0]
OTP_SW4_PDGRP[1:0]
OTP_SW4ILIM[1:0]
BF
1F
OTP SW4
CONFIG2
OTP_SW4_LSELECT[1:0]
OTP_SW4PHASE[2:0]
—
OTP_SW4_PG_EN
OTP_SW4_
WDBYPASS
C0
20
OTP SWND1_
VOLT
—
—
—
Reserved
C1
21
OTP SWND1
PWRUP
Reserved
C2
22
OTP SWND1
CONFIG1
Reserved
Reserved
Reserved
Reserved
C3
23
OTP SWND1
CONFIG2
Reserved
Reserved
—
Reserved
Reserved
C4
24
OTP LDO1
VOLT
Reserved
Reserved
Reserved
C5
25
OTP LDO1
PWRUP
Reserved
C6
26
OTP LDO1
CONFIG
Reserved
—
—
—
Reserved
Reserved
Reserved
C7
27
OTP VSNVS
CONFIG
—
—
—
—
—
—
Reserved
C8
28
OTP_OV_
BYPASS1
—
Reserved
—
—
OTP_SW4_
OVBYPASS
OTP_SW3_
OVBYPASS
OTP_SW2_
OVBYPASS
OTP_SW1_
OVBYPASS
C9
29
OTP_OV_
BYPASS2
—
—
—
—
—
—
—
Reserved
CA
2A
OTP_UV_
BYPASS1
—
Reserved
—
—
OTP_SW4_
UVBYPASS
OTP_SW3_
UVBYPASS
OTP_SW2_
UVBYPASS
OTP_SW1_
UVBYPASS
CB
2B
OTP_UV_
BYPASS2
—
—
—
—
—
—
—
Reserved
CC
2C
OTP_ILIM_
BYPASS1
—
Reserved
—
—
OTP_SW4_
ILIMBYPASS
OTP_SW3_
ILIMBYPASS
OTP_SW2_
ILIMBYPASS
OTP_SW1_
ILIMBYPASS
CD
2D
OTP_ILIM_
BYPASS2
—
—
—
—
—
—
—
Reserved
CE
2E
OTP_PROG_
IDH
—
—
—
—
OTP_PROG_ID11
OTP_PROG_ID10
OTP_PROG_ID9
OTP_PROG_ID8
CF
2F
OTP_PROG_
IDL
OTP_PROG_ID7
OTP_PROG_ID6
OTP_PROG_ID5
OTP_PROG_ID4
OTP_PROG_ID3
OTP_PROG_ID2
OTP_PROG_ID1
OTP_PROG_ID0
D0
30
OTP DEBUG1
—
—
—
—
—
—
—
BGMON_BYPASS
D1
31
OTP SW
COMP1
—
—
OTP_SW2_GM_COMP[2:0]
OTP_SW1_GM_COMP[2:0]
D2
32
OTP SW
COMP2
—
—
OTP_SW4_GM_COMP[2:0]
OTP_SW3_GM_COMP[2:0]
D3
33
OTP SW
COMP3
Reserved
Reserved
—
—
—
—
—
—
D4
34
OTP SW RAMP
OTP_SW4DVS_RAMP[1:0]
OTP_SW3DVS_RAMP[1:0]
OTP_SW2DVS_RAMP[1:0]
OTP_SW1DVS_RAMP[1:0]
D5
35
OTP_S0_CRC_
LSB
OTP_S0_CRC_LSB[7:0]
D6
36
OTP_SO_
CRC_MSB
OTP_SO_CRC_MSB[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com