Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF5024AMMA0ES Datasheet(PDF) 75 Page - NXP Semiconductors

Part # MPF5024AMMA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5024AMMA0ES Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button MPF5024AMMA0ES Datasheet HTML 71Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 72Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 73Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 74Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 75Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 76Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 77Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 78Page - NXP Semiconductors MPF5024AMMA0ES Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 93 page
background image
NXP Semiconductors
PF5024
Power management integrated circuit (PMIC) for high performance applications
PF5024
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
75 / 93
AD
DR
Register name
R/W
Default
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
5B
SW3 RUN
VOLT
R/W
FFFF_FFFF
VSW3_RUN[7:0]
5C
SW3 STBY
VOLT
R/W
FFFF_FFFF
VSW3_STBY[7:0]
5D
5E
5F
SW4 CONFIG1
R/W
FFF1_11FF
SW4_UV_
BYPASS
SW4_OV_
BYPASS
SW4_ILIM_
BYPASS
SW4_UV_STATE
SW4_OV_STATE
SW4_ILIM_
STATE
SW4_
WDBYPASS
SW4_PG_EN
60
SW4 CONFIG2
R/W
10FF_FFFF
SW4_FLT_REN
—
—
SW4ILIM[1:0]
SW4PHASE[2:0]
61
SW4 PWRUP
R/W
FFFF_FFFF
SW4_SEQ[7:0]
62
SW4 MODE
R/W
00FF_FFFF
—
—
SW4_PDGRP[1:0]
SW4_STBY_MODE[1:0]
SW4_RUN_MODE[1:0]
63
SW4 RUN
VOLT
R/W
FFFF_FFFF
VSW4_RUN[7:0]
64
SW4 STBY
VOLT
R/W
FFFF_FFFF
VSW4_STBY[7:0]
65
66
67
SWND1
CONFIG1
R/W
FFF1_11FF
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
68
SWND1
CONFIG2
R/W
100F_FFFF
Reserved
—
—
Reserved
Reserved
69
SWND1
PWRUP
R/W
FFFF_FFFF
Reserved
6A
SWND1
MODE1
R/W
00FF_FFFF
—
—
Reserved
Reserved
Reserved
6B
SWND1 RUN
VOLT
R/W
000F_FFFF
—
—
—
Reserved
6C
6D
6E
LDO1 CONFIG1 R/W
FFF1_11FF
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
6F
LDO1 CONFIG2 R/W
1FF0_00FF
Reserved
Reserved
—
—
—
Reserved
Reserved
70
LDO1 PWRUP
R/W
FFFF_FFFF
Reserved
71
LDO1 RUN
VOLT
R/W
0000_FFFF
—
—
—
—
Reserved
72
LDO1 STBY
VOLT
R/W
0000_FFFF
—
—
—
—
Reserved
73
74
75
VSNVS
CONFIG1
R/W
0000_00FF
—
—
—
—
—
—
Reserved
76
77
PAGE SELECT
R/TW
0000_0000
—
—
—
—
—
PAGE[2:0]
17 OTP/TBB and hardwire default configurations
The PF5024 supports OTP fuse bank configuration and a predefined hardwire
configuration to select the default power up configuration via the VDDOTP pin.
The default power up configuration is loaded into the functional I2C registers based on
the voltage on VDDOTP pin on register loading.
• If VDDOTP = GND, the device loads the configuration from the OTP mirror registers.
• If VDDOTP = V1P5D, the device loads the configuration from the default hardwire
configuration.
When OTP configuration is selected, the register loading occurs in two stages:
• In the first stage, the fuses are loaded in the OTP mirror registers each time VIN
crosses the UVDET threshold in the rising edge.
• At the second stage, the data from the mirror registers are loaded into the functional
I2C registers for device operation.
When VDDOTP = GND, the mirror registers hold the default configuration to be used on
a power-on event. The mirror registers can be modified during the TBB mode in order to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com