Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA2L1AB2DFM Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFM
Description  Ultra low power 48 MHz Arm짰 Cortex-M23 core, up to 256-KB code flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFM Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFM Datasheet HTML 27Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 28Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 29Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 30Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 31Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 32Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 33Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 34Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 110 page
background image
Table 2.11
Operating and standby current (2)
Conditions: VCC = AVCC0 = 1.6 to 5.5 V
Parameter
Symbol
Typ*3
Max
Unit
Test conditions
Supply
current*1
Software
Standby
mode*2
All
SRAMs(0x2000_00
00 to
0x2000_7FFF) are
on
Ta = 25°C
ICC
0.30
2.2
µA
—
Ta = 55°C
0.65
5.3
Ta = 85°C
2.0
20
Ta = 105°C
4.0
70
Only 8KB SRAM
(0x2000_4000 to
0x2000_5FFF) is on
Ta = 25°C
0.25
2.2
Ta = 55°C
0.6
5.3
Ta = 85°C
1.8
20
Ta = 105°C
3.65
70
Increment for RTC operation with low-speed on-
chip oscillator*4
0.30
—
—
Increment for RTC operation in normal operation
mode with sub-clock oscillator*4
0.20
—
SOMCR.SODRV[1:0] are 11b
(Low power mode 3)
RCR4.ROPSEL is 0 (RTC
operation in normal operation
mode)
0.95
—
SOMCR.SODRV[1:0] are 00b
(normal mode)
RCR4.ROPSEL is 0 (RTC
operation in normal operation
mode)
Increment for RTC operation in low-consumption
clock mode with sub-clock oscillator*4
0.11
—
SOMCR.SODRV[1:0] are 11b
(Low power mode 3)
RCR4.ROPSEL is 1 (RTC
operation in low-consumption
clock mode)
0.90
—
SOMCR.SODRV[1:0] are 00b
(normal mode)
RCR4.ROPSEL is 1 (RTC
operation in low-consumption
clock mode)
Note 1. Supply current values do not include output charge/discharge current from all pins. The values apply when internal pull-up MOS
transistors are in the off state. The supply current is total current flowing into VCC.
Note 2. The IWDT and LVD are not operating.
Note 3. VCC = 3.3 V.
Note 4. Includes the low-speed on-chip oscillator or sub-oscillation circuit current.
Table 2.12
Operating and standby current (3) (1 of 2)
Conditions: VCC = AVCC0 = 1.6 to 5.5 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Analog power
supply current
During 12-bit A/D conversion (at high-speed
conversion)
IAVCC0
—
—
1.44
mA
—
During 12-bit A/D conversion (at low-power
conversion)
—
—
0.78
mA
—
During 12-bit D/A conversion*1
—
—
0.8
mA
—
Waiting for 12-bit A/D and 12-bit D/A
conversion (all units)*2
—
—
1.0
µA
—
Reference
power supply
current
During 12-bit A/D conversion
IREFH0
—
—
120
µA
—
Waiting for 12-bit A/D conversion
—
—
60
nA
—
Temperature Sensor (TSN) operating current
ITNS
—
95
—
µA
—
RA2L1 Datasheet
2. Electrical Characteristics
R01DS0385EJ0100 Rev.1.00
Aug 06, 2020
Page 31 of 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com