Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA2L1AB2DFM Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFM
Description  Ultra low power 48 MHz Arm짰 Cortex-M23 core, up to 256-KB code flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFM Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFM Datasheet HTML 90Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 91Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 92Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 93Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 94Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 95Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 96Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 97Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 110 page
background image
Table 3.4
Register description (2 of 15)
Peripheral
name
Dim
Dim
inc.
Dim
index
Register
name
Description
Address
offset
Size R/W
Reset value
Reset mask
SRAM
—
—
—
ECC1STS
ECC 1-Bit Error Status Register
0xC3
8
R/W
0x00
0xFF
SRAM
—
—
—
ECCETST
ECC Test Control Register
0xC4
8
R/W
0x00
0xFF
SRAM
—
—
—
ECCPRCR
ECC Protection Register
0xC4
8
R/W
0x00
0xFF
SRAM
—
—
—
ECCPRCR2
ECC Protection Register 2
0xD0
8
R/W
0x00
0xFF
SRAM
—
—
—
ECCOAD
SRAM ECC Error Operation After
Detection Register
0xD8
8
R/W
0x00
0xFF
BUS
—
—
—
BUSMCNTSYS
Master Bus Control Register SYS
0x1008
16
R/W
0x0000
0xFFFF
BUS
—
—
—
BUSMCNTDMA
Master Bus Control Register DMA
0x100C
16
R/W
0x0000
0xFFFF
BUS
—
—
—
BUS3ERRADD
Bus Error Address Register 3
0x1820
32
R
0x00000000
0x00000000
BUS
—
—
—
BUS3ERRSTAT
BUS Error Status Register 3
0x1824
8
R
0x00
0xFE
BUS
—
—
—
BUS4ERRADD
Bus Error Address Register 4
0x1830
32
R
0x00000000
0x00000000
BUS
—
—
—
BUS4ERRSTAT
BUS Error Status Register 4
0x1834
8
R
0x00
0xFE
DTC
—
—
—
DTCCR
DTC Control Register
0x00
8
R/W
0x08
0xFF
DTC
—
—
—
DTCVBR
DTC Vector Base Register
0x04
32
R/W
0x00000000
0xFFFFFFFF
DTC
—
—
—
DTCST
DTC Module Start Register
0x0C
8
R/W
0x00
0xFF
DTC
—
—
—
DTCSTS
DTC Status Register
0x0E
16
R
0x0000
0xFFFF
ICU
8
0x1
0-7
IRQCR%s
IRQ Control Register
0x000
8
R/W
0x00
0xFF
ICU
—
—
—
NMICR
NMI Pin Interrupt Control Register
0x100
8
R/W
0x00
0xFF
ICU
—
—
—
NMIER
Non-Maskable Interrupt Enable Register
0x120
16
R/W
0x0000
0xFFFF
ICU
—
—
—
NMICLR
Non-Maskable Interrupt Status Clear
Register
0x130
16
R/W
0x0000
0xFFFF
ICU
—
—
—
NMISR
Non-Maskable Interrupt Status Register
0x140
16
R
0x0000
0xFFFF
ICU
—
—
—
WUPEN
Wake Up Interrupt Enable Register
0x1A0
32
R/W
0x00000000
0xFFFFFFFF
ICU
—
—
—
IELEN
ICU event Enable Register
0x1C0
8
R/W
0x00
0xFF
ICU
—
—
—
SELSR0
SYS Event Link Setting Register
0x200
16
R/W
0x0000
0xFFFF
ICU
32
0x4
0-31
IELSR%s
ICU Event Link Setting Register %s
0x300
32
R/W
0x00000000
0xFFFFFFFF
DBG
—
—
—
DBGSTR
Debug Status Register
0x00
32
R
0x00000000
0xFFFFFFFF
DBG
—
—
—
DBGSTOPCR
Debug Stop Control Register
0x10
32
R/W
0x00000003
0xFFFFFFFF
SYSC
—
—
—
SBYCR
Standby Control Register
0x00C
16
R/W
0x0000
0xFFFF
SYSC
—
—
—
MSTPCRA
Module Stop Control Register A
0x01C
32
R/W
0xFFBFFFFF
0xFFFFFFFF
SYSC
—
—
—
SCKDIVCR
System Clock Division Control Register
0x020
32
R/W
0x04000404
0xFFFFFFFF
SYSC
—
—
—
SCKSCR
System Clock Source Control Register
0x026
8
R/W
0x01
0xFF
SYSC
—
—
—
MEMWAIT
Memory Wait Cycle Control Register for
Code Flash
0x031
8
R/W
0x00
0xFF
SYSC
—
—
—
MOSCCR
Main Clock Oscillator Control Register
0x032
8
R/W
0x01
0xFF
SYSC
—
—
—
HOCOCR
High-Speed On-Chip Oscillator Control
Register
0x036
8
R/W
0x00
0xFE
SYSC
—
—
—
MOCOCR
Middle-Speed On-Chip Oscillator Control
Register
0x038
8
R/W
0x00
0xFF
SYSC
—
—
—
OSCSF
Oscillation Stabilization Flag Register
0x03C
8
R
0x00
0xFE
SYSC
—
—
—
CKOCR
Clock Out Control Register
0x03E
8
R/W
0x00
0xFF
SYSC
—
—
—
OSTDCR
Oscillation Stop Detection Control Register 0x040
8
R/W
0x00
0xFF
SYSC
—
—
—
OSTDSR
Oscillation Stop Detection Status Register
0x041
8
R/W
0x00
0xFF
SYSC
—
—
—
LPOPT
Lower Power Operation Control Register
0x04C
8
R/W
0x00
0xFF
SYSC
—
—
—
MOCOUTCR
MOCO User Trimming Control Register
0x061
8
R/W
0x00
0xFF
SYSC
—
—
—
HOCOUTCR
HOCO User Trimming Control Register
0x062
8
R/W
0x00
0xFF
SYSC
—
—
—
SNZCR
Snooze Control Register
0x092
8
R/W
0x00
0xFF
RA2L1 Datasheet
Appendix 3. I/O Registers
R01DS0385EJ0100 Rev.1.00
Aug 06, 2020
Page 94 of 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com