Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA2L1AB2DFM Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFM
Description  Ultra low power 48 MHz Arm짰 Cortex-M23 core, up to 256-KB code flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFM Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFM Datasheet HTML 96Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 97Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 98Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 99Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 100Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 101Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 102Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 103Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 110 page
background image
Table 3.4
Register description (8 of 15)
Peripheral
name
Dim
Dim
inc.
Dim
index
Register
name
Description
Address
offset
Size R/W
Reset value
Reset mask
IIC0-1
—
—
—
ICSR1
I2C Bus Status Register 1
0x08
8
R/W
0x00
0xFF
IIC0-1
—
—
—
ICSR2
I2C Bus Status Register 2
0x09
8
R/W
0x00
0xFF
IIC0-1
3
0x02
0-2
SARL%s
Slave Address Register Ly
0x0A
8
R/W
0x00
0xFF
IIC0-1
3
0x02
0-2
SARU%s
Slave Address Register Uy
0x0B
8
R/W
0x00
0xFF
IIC0-1
—
—
—
ICBRL
I2C Bus Bit Rate Low-Level Register
0x10
8
R/W
0xFF
0xFF
IIC0-1
—
—
—
ICBRH
I2C Bus Bit Rate High-Level Register
0x11
8
R/W
0xFF
0xFF
IIC0-1
—
—
—
ICDRT
I2C Bus Transmit Data Register
0x12
8
R/W
0xFF
0xFF
IIC0-1
—
—
—
ICDRR
I2C Bus Receive Data Register
0x13
8
R
0x00
0xFF
IIC0WU
—
—
—
ICWUR
I2C Bus Wakeup Unit Register
0x02
8
R/W
0x10
0xFF
IIC0WU
—
—
—
ICWUR2
I2C Bus Wakeup Unit Register 2
0x03
8
R/W
0xFD
0xFF
DOC
—
—
—
DOCR
DOC Control Register
0x00
8
R/W
0x00
0xFF
DOC
—
—
—
DODIR
DOC Data Input Register
0x02
16
R/W
0x0000
0xFFFF
DOC
—
—
—
DODSR
DOC Data Setting Register
0x04
16
R/W
0x0000
0xFFFF
ADC12
—
—
—
ADCSR
A/D Control Register
0x000
16
R/W
0x0000
0xFFFF
ADC12
—
—
—
ADANSA0
A/D Channel Select Register A0
0x004
16
R/W
0x0000
0xFFFF
ADC12
—
—
—
ADANSA1
A/D Channel Select Register A1
0x006
16
R/W
0x0000
0xFFFF
ADC12
—
—
—
ADADS0
A/D-Converted Value Addition/Average
Channel Select Register 0
0x008
16
R/W
0x0000
0xFFFF
ADC12
—
—
—
ADADS1
A/D-Converted Value Addition/Average
Channel Select Register 1
0x00A
16
R/W
0x0000
0xFFFF
ADC12
—
—
—
ADADC
A/D-Converted Value Addition/Average
Count Select Register
0x00C
8
R/W
0x00
0xFF
ADC12
—
—
—
ADCER
A/D Control Extended Register
0x00E
16
R/W
0x0000
0xFFFF
ADC12
—
—
—
ADSTRGR
A/D Conversion Start Trigger Select
Register
0x010
16
R/W
0x0000
0xFFFF
ADC12
—
—
—
ADEXICR
A/D Conversion Extended Input Control
Registers
0x012
16
R/W
0x0000
0xFFFF
ADC12
—
—
—
ADANSB0
A/D Channel Select Register B0
0x014
16
R/W
0x0000
0xFFFF
ADC12
—
—
—
ADANSB1
A/D Channel Select Register B1
0x016
16
R/W
0x0000
0xFFFF
ADC12
—
—
—
ADDBLDR
A/D Data Duplexing Register
0x018
16
R
0x0000
0xFFFF
ADC12
—
—
—
ADTSDR
A/D Temperature Sensor Data Register
0x01A
16
R
0x0000
0xFFFF
ADC12
—
—
—
ADOCDR
A/D Internal Reference Voltage Data
Register
0x01C
16
R
0x0000
0xFFFF
ADC12
—
—
—
ADRD
A/D Self-Diagnosis Data Register
0x01E
16
R
0x0000
0xFFFF
ADC12
15
0x2
0-14
ADDR%s
A/D Data Registers %s
0x020
16
R
0x0000
0xFFFF
ADC12
—
—
—
ADCTDR
A/D CTSU TSCAP Voltage Data Register
0x040
16
R
0x0000
0xFFFF
ADC12
4
0x2
17-20
ADDR%s
A/D Data Registers %s
0x042
16
R
0x0000
0xFFFF
ADC12
—
—
—
ADDISCR
A/D Disconnection Detection Control
Register
0x07A
8
R/W
0x00
0xFF
ADC12
—
—
—
ADACSR
A/D Conversion Operation Mode Select
Register
0x07E
8
R/W
0x00
0xFF
ADC12
—
—
—
ADGSPCR
A/D Group Scan Priority Control Register
0x080
16
R/W
0x0000
0xFFFF
ADC12
—
—
—
ADDBLDRA
A/D Data Duplexing Register A
0x084
16
R
0x0000
0xFFFF
ADC12
—
—
—
ADDBLDRB
A/D Data Duplexing Register B
0x086
16
R
0x0000
0xFFFF
ADC12
—
—
—
ADHVREFCNT
A/D High-Potential/Low-Potential
Reference Voltage Control Register
0x08A
8
R/W
0x00
0xFF
ADC12
—
—
—
ADWINMON
A/D Compare Function Window A/B Status
Monitor Register
0x08C
8
R
0x00
0xFF
ADC12
—
—
—
ADCMPCR
A/D Compare Function Control Register
0x090
16
R/W
0x0000
0xFFFF
RA2L1 Datasheet
Appendix 3. I/O Registers
R01DS0385EJ0100 Rev.1.00
Aug 06, 2020
Page 100 of 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com