Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA2L1AB2DFM Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFM
Description  Ultra low power 48 MHz Arm짰 Cortex-M23 core, up to 256-KB code flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFM Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFM Datasheet HTML 42Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 43Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 44Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 45Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 46Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 47Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 48Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 49Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 110 page
background image
Table 2.30
SCI timing (2) (1 of 2)
Conditions: VCC = AVCC0 = 1.6 to 5.5 V
Parameter
Symbol
Min
Max
Unit*1
Test
conditions
Simple
SPI
SCK clock cycle output
(master)
2.7 V ≤ VCC ≤ 5.5 V
tSPcyc
125
—
ns
Figure 2.22
2.4 V ≤ VCC < 2.7 V
250
—
1.8 V ≤ VCC < 2.4 V
500
—
1.6 V ≤ VCC < 1.8 V
1000
—
SCK clock cycle input
(slave)
2.7 V ≤ VCC ≤ 5.5 V
187.5
—
2.4 V ≤ VCC < 2.7 V
375
—
1.8 V ≤ VCC < 2.4 V
750
—
1.6 V ≤ VCC < 1.8 V
1500
—
SCK clock high pulse width
tSPCKWH
0.4
0.6
tSPcyc
SCK clock low pulse width
tSPCKWL
0.4
0.6
tSPcyc
SCK clock rise and fall
time
1.8 V ≤ VCC ≤ 5.5 V
tSPCKr,
tSPCKf
—
20
ns
1.6 V ≤ VCC < 1.8 V
—
30
Data input
setup time
Master
2.7 V ≤ VCC ≤ 5.5 V
tSU
45
—
ns
Figure 2.23 to
Figure 2.26
2.4 V ≤ VCC < 2.7 V
55
—
1.8 V ≤ VCC < 2.4 V
80
—
1.6 V ≤ VCC < 1.8 V
110
—
Slave
2.7 V ≤ VCC ≤ 5.5 V
40
—
1.6 V ≤ VCC < 2.7 V
45
—
Data input
hold time
Master
tH
33.3
—
ns
Slave
40
—
SS input setup time
tLEAD
1
—
tSPcyc
SS input hold time
tLAG
1
—
tSPcyc
Data output
delay time
Master
1.8 V ≤ VCC ≤ 5.5 V
tOD
—
40
ns
1.6 V ≤ VCC < 1.8 V
—
50
Slave
2.4 V ≤ VCC ≤ 5.5 V
—
65
1.8 V ≤ VCC < 2.4 V
—
100
1.6 V ≤ VCC < 1.8 V
—
125
Data output
hold time
Master
2.7 V ≤ VCC ≤ 5.5 V
tOH
-10
—
ns
2.4 V ≤ VCC < 2.7 V
-20
—
1.8 V ≤ VCC < 2.4 V
-30
—
1.6 V ≤ VCC < 1.8 V
-40
—
Slave
-10
—
Data rise and
fall time
Master
1.8 V ≤ VCC ≤ 5.5 V
tDr, tDf
—
20
ns
1.6 V ≤ VCC < 1.8 V
—
30
Slave
1.8 V ≤ VCC ≤ 5.5 V
—
20
1.6 V ≤ VCC < 1.8 V
—
30
RA2L1 Datasheet
2. Electrical Characteristics
R01DS0385EJ0100 Rev.1.00
Aug 06, 2020
Page 46 of 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com