Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA2L1AB2DFM Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFM
Description  Ultra low power 48 MHz Arm짰 Cortex-M23 core, up to 256-KB code flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFM Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFM Datasheet HTML 53Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 54Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 55Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 56Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 57Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 58Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 59Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 60Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 110 page
background image
2.3.10
IIC Timing
Table 2.33
IIC timing (1 of 2)
Conditions: VCC = AVCC0 = 2.7 to 5.5 V
Parameter
Symbol
Min*1
Max
Unit Test conditions
IIC (standard mode,
SMBus)
SCL input cycle time
tSCL
6 (12) × tIICcyc + 1300
—
ns
Figure 2.35
SCL input high pulse width
tSCLH
3 (6) × tIICcyc + 300
—
ns
SCL input low pulse width
tSCLL
3 (6) × tIICcyc + 300
—
ns
SCL, SDA input rise time
tSr
—
1000
ns
SCL, SDA input fall time
tSf
—
300
ns
SCL, SDA input spike pulse
removal time
tSP
0
1 (4) × tIICcyc
ns
SDA input bus free time (when
wakeup function is disabled)
tBUF
3 (6) × tIICcyc + 300
—
ns
SDA input bus free time (when
wakeup function is enabled)
tBUF
3 (6) × tIICcyc + 4 ×
tPcyc + 300
—
ns
START condition input hold time
(when wakeup function is disabled)
tSTAH
tIICcyc + 300
—
ns
START condition input hold time
(when wakeup function is enabled)
tSTAH
1 (5) × tIICcyc + tPcyc +
300
—
ns
Repeated START condition input
setup time
tSTAS
1000
—
ns
STOP condition input setup time
tSTOS
1000
—
ns
Data input setup time
tSDAS
tIICcyc + 50
—
ns
Data input hold time
tSDAH
0
—
ns
SCL, SDA capacitive load
Cb
—
400
pF
RA2L1 Datasheet
2. Electrical Characteristics
R01DS0385EJ0100 Rev.1.00
Aug 06, 2020
Page 57 of 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com