Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA2L1AB2DFM Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFM
Description  Ultra low power 48 MHz Arm짰 Cortex-M23 core, up to 256-KB code flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFM Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFM Datasheet HTML 55Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 56Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 57Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 58Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 59Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 60Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 61Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 62Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 110 page
background image
2.3.11
CLKOUT Timing
Table 2.34
CLKOUT timing
Parameter
Symbol
Min
Max
Unit
Test conditions
CLKOUT
CLKOUT pin output cycle*1
2.7 V ≤ VCC ≤ 5.5 V
tCcyc
62.5
—
ns
Figure 2.36
1.8 V ≤ VCC < 2.7 V
125
—
1.6 V ≤ VCC < 1.8 V
250
—
CLKOUT pin high pulse
width*2
2.7 V ≤ VCC ≤ 5.5 V
tCH
15
—
ns
1.8 V ≤ VCC < 2.7 V
30
—
1.6 V ≤ VCC < 1.8 V
150
—
CLKOUT pin low pulse
width*2
2.7 V ≤ VCC ≤ 5.5 V
tCL
15
—
ns
1.8 V ≤ VCC < 2.7 V
30
—
1.6 V ≤ VCC < 1.8 V
150
—
CLKOUT pin output rise time
2.7 V ≤ VCC ≤ 5.5 V
tCr
—
12
ns
1.8 V ≤ VCC < 2.7 V
—
25
1.6 V ≤ VCC < 1.8 V
—
50
CLKOUT pin output fall time
2.7 V ≤ VCC ≤ 5.5 V
tCf
—
12
ns
1.8 V ≤ VCC < 2.7 V
—
25
1.6 V ≤ VCC < 1.8 V
—
50
Note 1. When the EXTAL external clock input or an oscillator is used with division by 1 (the CKOCR.CKOSEL[2:0] bits are 011b and the
CKOCR.CKODIV[2:0] bits are 000b) to output from CLKOUT, specifications in Table 2.34 should be satisfied with 45% to 55% of
input duty cycle.
Note 2. When MOCO is selected as the clock output source (the CKOCR.CKOSEL[2:0] bits are 001b), set the clock output division ratio to
be divided by 2 (the CKOCR.CKODIV[2:0] bits are 001b).
tCH
Test conditions: VOH = VCC × 0.7, VOL = VCC × 0.3, IOH = -1.0 mA, IOL = 1.0 mA, C = 30 pF
tCf
tCcyc
CLKOUT
tCr
tCL
Figure 2.36
CLKOUT output timing
RA2L1 Datasheet
2. Electrical Characteristics
R01DS0385EJ0100 Rev.1.00
Aug 06, 2020
Page 59 of 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com