Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADIS16475-1/PCBZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADIS16475-1/PCBZ
Description  Precision, Miniature MEMs IMU
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16475-1/PCBZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADIS16475-1/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 22Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 23Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 24Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 25Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 26Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 27Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 28Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
Data Sheet
ADIS16475
Rev. D | Page 25 of 37
Table 73. Z_DELTVEL_OUT Bit Definitions
Bits
Description
[15:0]
Z-axis delta velocity data; twos complement,
±100 m/sec range, 0 m/sec = 0x0000;
1 LSB = 100 m/sec ÷ 215 = ~0.003052 m/sec
The Z_DELTVEL_LOW (see Table 70 and Table 71) and
Z_DELTVEL_OUT (see Table 72 and Table 73) registers
contain the delta velocity data for the z-axis.
Delta Velocity Resolution
Table 74 and Table 75 offer various numerical examples that
demonstrate the format of the delta velocity data in both 16-bit
and 32-bit formats.
Table 74. 16-Bit Delta Velocity Data Format Examples
Velocity (m/sec)
Decimal
Hex
Binary
+100 × (215 − 1)/215
+32,767
0x7FFF
0111 1111 1111 1111
+100/214
+2
0x0002
0000 0000 0000 0010
+100/215
+1
0x0001
0000 0000 0000 0001
0
0
0x0000
0000 0000 0000 0000
−100/215
−1
0xFFFF
1111 1111 1111 1111
−100/214
−2
0xFFFE
1111 1111 1111 1110
−100
−32,768
0x8000
1000 0000 0000 0000
Table 75. 32-Bit Delta Velocity Data Format Examples
Velocity (m/sec)
Decimal
Hex
+100 × (231 − 1)/231
+2,147,483,647
0x7FFFFFFF
+100/230
+2
0x00000002
+100/231
+1
0x00000001
0
0
0x00000000
−100/231
−1
0xFFFFFFFF
−100/230
−2
0xFFFFFFFE
−100
+2,147,483,648
0x80000000
CALIBRATION
The signal chain of each inertial sensor (accelerometers and
gyroscopes) includes the application of unique correction
formulas, which are derived from extensive characterization of
bias, sensitivity, alignment, response to linear acceleration
(gyroscopes), and point of percussion (accelerometer location)
over a temperature range of −40°C to +85°C, for each ADIS16475.
These correction formulas are not accessible, but users do have
the opportunity to adjust the bias for each sensor individually
through user accessible registers. These correction factors
follow immediately after the factory derived correction formulas
in the signal chain, which processes at a rate of 2000 Hz when
using the internal sample clock.
Calibration, Gyroscope Bias (XG_BIAS_LOW and
XG_BIAS_HIGH)
Table 76. XG_BIAS_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x40, 0x41
0x0000
R/W
Yes
Table 77. XG_BIAS_LOW Bit Definitions
Bits
Description
[15:0]
X-axis gyroscope offset correction; lower word
Table 78. XG_BIAS_HIGH Register Definition
Addresses
Default
Access
Flash Backup
0x42, 0x43
0x0000
R/W
Yes
Table 79. XG_BIAS_HIGH Bit Definitions
Bits
Description
[15:0]
X-axis gyroscope offset correction factor, upper word
The XG_BIAS_LOW (see Table 76 and Table 77) and XG_BIAS_
HIGH (see Table 78 and Table 79) registers combine to allow
users to adjust the bias of the x-axis gyroscopes. The data format
examples in Table 12 also apply to the XG_BIAS_HIGH register,
and the data format examples in Table 13 apply to the 32-bit
combination of the XG_BIAS_LOW and XG_BIAS_HIGH
registers. See Figure 44 for an illustration of how these two
registers combine and influence the x-axis gyroscope
measurements.
X-AXIS
GYRO
FACTORY
CALIBRATION
AND
FILTERING
X_GYRO_OUT
X_GYRO_LOW
XG_BIAS_HIGH
XG_BIAS_LOW
Figure 44. User Calibration Signal Path, Gyroscopes
Calibration, Gyroscope Bias (YG_BIAS_LOW and
YG_BIAS_HIGH)
Table 80. YG_BIAS_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x44, 0x45
0x0000
R/W
Yes
Table 81. YG_BIAS_LOW Bit Definitions
Bits
Description
[15:0]
Y-axis gyroscope offset correction; lower word
Table 82. YG_BIAS_HIGH Register Definition
Addresses
Default
Access
Flash Backup
0x46, 0x47
0x0000
R/W
Yes
Table 83. YG_BIAS_HIGH Bit Definitions
Bits
Description
[15:0]
Y-axis gyroscope offset correction factor, upper word
The YG_BIAS_LOW (see Table 80 and Table 81) and YG_BIAS_
HIGH (see Table 82 and Table 83) registers combine to allow
users to adjust the bias of the y-axis gyroscopes. The data format
examples in Table 12 also apply to the YG_BIAS_HIGH register,
and the data format examples in Table 13 apply to the 32-bit
combination of the YG_BIAS_LOW and YG_BIAS_HIGH
registers. These registers influence the y-axis gyroscope
measurements in the same manner that the XG_BIAS_LOW
and XG_BIAS_HIGH registers influence the x-axis gyroscope
measurements (see Figure 44).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com