Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADIS16475-1/PCBZ Datasheet(PDF) 31 Page - Analog Devices

Part # ADIS16475-1/PCBZ
Description  Precision, Miniature MEMs IMU
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16475-1/PCBZ Datasheet(HTML) 31 Page - Analog Devices

Back Button ADIS16475-1/PCBZ Datasheet HTML 27Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 28Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 29Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 30Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 31Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 32Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 34Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
Data Sheet
ADIS16475
Rev. D | Page 31 of 37
The USER_SCR_1 (see Table 124 and Table 125), USER_SCR_2
(see Table 126 and Table 127), and USER_SCR_3 (see Table 128
and Table 129) registers provide three locations for the user to
store information. For nonvolatile storage, use the manual flash
memory update command (Register GLOB_CMD, Bit 3, see
Table 113), after writing information to these registers.
Flash Memory Endurance Counter (FLSHCNT_LOW and
FLSHCNT_HIGH)
Table 130. FLSHCNT_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x7C, 0x7D
Not applicable
R
No
Table 131. FLSHCNT_LOW Bit Definitions
Bits
Description
[15:0]
Flash memory write counter, low word
Table 132. FLSHCNT_HIGH Register Definition
Addresses
Default
Access
Flash Backup
0x7E, 0x7F
Not applicable
R
No
Table 133. FLSHCNT_HIGH Bit Definitions
Bits
Description
[15:0]
Flash memory write counter, high word
The FLSHCNT_LOW (see Table 130 and Table 131) and
FLSHCNT_HIGH (see Table 132 and Table 133) registers
combine to provide a 32-bit, binary counter that tracks the
number of flash memory write cycles. In addition to the
number of write cycles, the flash memory has a finite service
lifetime, which depends on the junction temperature. Figure 49
provides guidance for estimating the retention life for the flash
memory at specific junction temperatures. The junction
temperature is approximately 7°C above the case temperature.
600
450
300
150
0
30
40
JUNCTION TEMPERATURE (°C)
55
70
85
100
125
135
150
Figure 49. Flash Memory Retention



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com