Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADIS16475-1/PCBZ Datasheet(PDF) 27 Page - Analog Devices

Part # ADIS16475-1/PCBZ
Description  Precision, Miniature MEMs IMU
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16475-1/PCBZ Datasheet(HTML) 27 Page - Analog Devices

Back Button ADIS16475-1/PCBZ Datasheet HTML 23Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 24Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 25Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 26Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 27Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 28Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 29Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 30Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
Data Sheet
ADIS16475
Rev. D | Page 27 of 37
register and the data format examples in Table 27 apply to the
32-bit combination of the ZA_BIAS_LOW and ZA_BIAS_HIGH
registers. These registers influence the z-axis accelerometer
measurements in the same manner that the XA_BIAS_LOW
and XA_BIAS_HIGH registers influence the x-axis accelerometer
measurements (see Figure 45).
Filter Control Register (FILT_CTRL)
Table 100. FILT_CTRL Register Definition
Addresses
Default
Access
Flash Backup
0x5C, 0x5D
0x0000
R/W
Yes
Table 101. FILT_CTRL Bit Definitions
Bits
Description
[15:3]
Not used
[2:0]
Filter Size Variable B; number of taps in each stage; N = 2B
The FILT_CTRL register (see Table 100 and Table 101)
provides user controls for the Bartlett window FIR filter (see
Figure 22), which contains two cascaded averaging filters. For
example, use the following sequence to set Register
FILT_CTRL, Bits[2:0] = 100, which sets each stage to have 16
taps: 0xCC04 and 0xCD00. Figure 46 provides the frequency
response for several settings in the FILT_CTRL register.
0
–20
–40
–60
–80
–100
–120
–140
0.001
0.01
0.1
1
FREQUENCY (
f/fS
N = 2
N = 4
N = 16
N = 64
Figure 46. Bartlett Window, FIR Filter Frequency Response
(Phase Delay = N Samples)
Range Identifier (RANG_MDL)
Table 102. RANG_MDL Register Definition
Addresses
Default
Access
Flash Backup
0x5E, 0x5F
Not applicable
R
No
Table 103. RANG_MDL Bit Definitions
Bits
Description
[15:3]
Not used
[3:2]
Gyroscope measurement range
00 = ±125°/sec (ADIS16475-1BMLZ)
01 = ±500°/sec (ADIS16475-2BMLZ)
10 = reserved
11 = ±2000°/sec (ADIS16475-3BMLZ)
[1:0]
Reserved, binary value = 11
Miscellaneous Control Register (MSC_CTRL)
Table 104. MSC_CTRL Register Definition
Addresses
Default
Access
Flash Backup
0x60, 0x61
0x00C1
R/W
Yes
Table 105. MSC_CTRL Bit Definitions
Bits
Description
[15:8]
Not used
7
Linear g compensation for gyroscopes (1 = enabled)
6
Point of percussion alignment (1 = enabled)
5
Not used, always set to zero
[4:2]
SYNC function setting
111 = reserved (do not use)
110 = reserved (do not use)
101 = pulse sync mode
100 = reserved (do not use)
011 = output sync mode
010 = scaled sync mode
001 = direct sync mode
000 = internal clock mode (default)
1
SYNC polarity (input or output)
1 = rising edge triggers sampling
0 = falling edge triggers sampling
0
DR polarity
1 = active high when data is valid
0 = active low when data is valid
Point of Percussion
Register MSC_CTRL, Bit 6 (see Table 105) offers an on/off control
for the point of percussion alignment function, which maps the
accelerometer sensors to the corner of the package that is closest to
Pin A1 (see Figure 47). The factory default setting in the MSC_
CTRL register activates this function. To turn this function off
while retaining the rest of the factory default settings in the
MSC_CTRL register, set Register MSC_CTRL, Bit 6 = 0, using
the following command sequence on the DIN pin: 0xE081, then
0xE100.
PIN A8
POINT OF
PERCUSSION
PIN A1
Figure 47. Point of Percussion Reference Point
Linear Acceleration Effect on Gyroscope Bias
Register MSC_CTRL, Bit 7 (see Table 105) provides an on/off
control for the linear g compensation in the signal calibration
routines of the gyroscope. The factory default contents in the
MSC_CTRL register enable this compensation. To turn the
compensation off, set Register MSC_CTRL, Bit 7 = 0, using
the following sequence on the DIN pin: 0xE041, 0xEF00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com