Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADIS16475-1/PCBZ Datasheet(PDF) 28 Page - Analog Devices

Part # ADIS16475-1/PCBZ
Description  Precision, Miniature MEMs IMU
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16475-1/PCBZ Datasheet(HTML) 28 Page - Analog Devices

Back Button ADIS16475-1/PCBZ Datasheet HTML 24Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 25Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 26Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 27Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 28Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 29Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 30Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 31Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
ADIS16475
Data Sheet
Rev. D | Page 28 of 37
Internal Clock Mode
Register MSC_CTRL, Bits[4:2] (see Table 105), provide five
different configuration options for controlling the clock (fSM;
see Figure 19 and Figure 20), which controls data acquisition
and processing for the inertial sensors. The default setting for
Register MSC_CTRL, Bits[4:2] is 000 (binary), which places the
ADIS16475 in the internal clock mode. In this mode, an internal
clock controls inertial sensor data acquisition and processing at a
nominal rate of 2000 Hz. In this mode, each accelerometer data
update comes from an average of two data samples (sample rate =
4000 Hz).
Output Sync Mode
When Register MSC_CTRL, Bits[4:2] = 011, the ADIS16475
operates in output sync mode, which is the same as internal
clock mode with one exception, the SYNC pin pulses when
the internal processor collects data from the inertial sensors.
Figure 48 provides an example of this signal.
SYNC
250µs
500µs
GYROSCOPE AND
ACCELEROMETER
DATA ACQUISITION
ACCELEROMETER
DATA ACQUISITION
Figure 48. Sync Output Signal, Register MSC_CTRL, Bits[4:2] = 011
Direct Sync Mode
When Register MSC_CTRL, Bits[4:2] = 001, the ADIS16475
operates in direct sync mode. The signal on the SYNC pin
directly controls the sample clock. In this mode, the internal
processor collects gyroscope data samples on the rising edge of
the clock signal (SYNC pin) and it collects accelerometer data
samples on both rising and falling edges of the clock signal. The
internal processor averages both accelerometer samples (from
rising and falling edges of the clock signal) together to produce
a single data sample. When using this mode, the input clock
signal requires a 50% duty cycle. Therefore, when operating the
ADIS16475 in this mode, the clock signal (SYNC pin) must
have a duty cycle of 50% and a frequency that is within the
range of 1900 Hz to 2100 Hz. The ADIS16475 is capable of
operating when the clock frequency (SYNC pin) is less than
1900 Hz, but with risk of performance degradation, especially
when tracking dynamic inertial conditions (including vibration).
Pulse Sync Mode
When operating in pulse sync mode (Register MSC_CTRL,
Bits[4:2] = 101), the internal processor only collects accelerometer
samples on the leading edge of the clock signal, which enables
the use of a narrow pulse width (see Table 2) in the clock signal on
the SYNC pin. Using pulse sync mode also lowers the bandwidth
on the inertial sensors to 370 Hz. When operating in pulse sync
mode, the ADIS16475 provides the best performance when the
frequency of the clock signal (SYNC pin) is within the range of
1000 Hz to 2100 Hz. The ADIS16475 is capable of operating
when the clock frequency (SYNC pin) is less than 1000 Hz, but
with risk of performance degradation, especially when tracking
dynamic inertial conditions (including vibration).
Scaled Sync Mode
When Register MSC_CTRL, Bits[4:2] = 010, the ADIS16475
operates in scaled sync mode that supports a frequency range of
1 Hz to 128 Hz for the clock signal on the SYNC pin. This
mode of operation is particularly useful when synchronizing
the data processing with a PPS signal from a global positioning
system (GPS) receiver or with a synchronization signal from a
video processing system. When operating in scaled sync mode,
the frequency of the sample clock is equal to the product of the
external clock scale factor, KECSF (from the UP_SCALE register,
see Table 106 and Table 107), and the frequency of the clock
signal on the SYNC pin.
For example, when using a 1 Hz input signal, set UP_SCALE =
0x07D0 (KECSF = 2000 (decimal)) to establish a sample rate of
2000 SPS for the inertial sensors and their signal processing.
Use the following sequence on the DIN pin to configure
UP_SCALE for this scenario: 0xE2D0, then 0xE307.
Table 106. UP_SCALE Register Definition
Addresses
Default
Access
Flash Backup
0x62, 0x63
0x07D0
R/W
Yes
Table 107. UP_SCALE Bit Definitions
Bits
Description
[15:0]
KECSF; binary format
Decimation Filter (DEC_RATE)
Table 108. DEC_RATE Register Definition
Addresses
Default
Access
Flash Backup
0x64, 0x65
0x0000
R/W
Yes
Table 109. DEC_RATE Bit Definitions
Bits
Description
[15:11]
Don’t care
[10:0]
Decimation rate, binary format, maximum = 1999
The DEC_RATE register (see Table 108 and Table 109)
provides user control for the averaging decimating filter, which
averages and decimates the gyroscope and accelerometer data; it
also extends the time that the delta angle and the delta velocity
track between each update. When the ADIS16475 operates in
internal clock mode (see Register MSC_CTRL, Bits [4:2], in
Table 105), the nominal output data rate is equal to 2000/
(DEC_RATE + 1). For example, set DEC_RATE = 0x0013 to
reduce the output sample rate to 100 SPS (2000 ÷ 20), using the
following DIN pin sequence: 0xE413, then 0xE500.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com