Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADIS16475-1/PCBZ Datasheet(PDF) 34 Page - Analog Devices

Part # ADIS16475-1/PCBZ
Description  Precision, Miniature MEMs IMU
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16475-1/PCBZ Datasheet(HTML) 34 Page - Analog Devices

Back Button ADIS16475-1/PCBZ Datasheet HTML 29Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 30Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 31Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 32Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 34Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 35Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 36Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 37Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
ADIS16475
Data Sheet
Rev. D | Page 34 of 37
= 0x0000) for these filters, the accelerometer data width is 20 bits.
The X_ACCL_OUT, Y_ACCL_OUT, and Z_ACCL_OUT
registers contain the most significant 16 bits of this data, while
the remaining (least significant) bits are in the upper 4 bits of
the X_ACCL_LOW, Y_ACCL_LOW, and Z_ACCL_LOW
registers. Since the total noise (0.6 mg rms, see Table 1) in the
accelerometer data (DEC_RATE = 0x0000, FILT_CTRL =
0x0000) is greater than the 16-bit quantization noise (0.25 mg ÷
120.5 = 0.072 mg), application processors can acquire all relevant
information through the X_ACCL_OUT, Y_ACCL_OUT, and
Z_ACCL_OUT registers. This enables applications to preserve
optimal performance, while using the burst read (see Figure 31),
which only provides 16-bit data for the accelerometers.
The X_ACCL_LOW, Y_ACCL_LOW, and Z_ACCL_LOW
registers also capture the bit growth that comes from each
accumulation operation in the decimation and Bartlett window
filters. When using these filters (DEC_RATE ≠ 0x0000 and/or
FILT_CTRL ≠ 0x0000), the data width increases by one bit
every time the number of summations (in a filter stage) increases
by a factor of two. For example, when DEC_RATE = 0x0001, the
decimation filter adds two (1 + 1 = 2, see Table 109) successive
samples together, which causes the data width to increase by 1 bit
(log22 = 1). When FILT_CTRL = 0x0001, both stages in the
Bartlett window filter add two (21 = 2, see Table 101) successive
samples together, which increases the data width by 1 bit (log22
= 1) as well. When using both DEC_RATE = 0x0001 and
FILT_CTRL = 0x0001, the total bit growth is 3 bits, which
increases the overall data width to 23 bits.
EVALUATION TOOLS
Breakout Boards
The ADIS16475 has three difference breakout boards, which
provide a simple way to connect an ADIS16475 model and an
existing embedded processor platform. Table 134 provides a list
of the model numbers for each breakout board, along with the
ADIS16475 model that is on each breakout board.
Table 134. Breakout Board Models
Breakout Board Model
ADIS16475 Model
ADIS16475-1/PCBZ
ADIS16475-1BMLZ
ADIS16475-2/PCBZ
ADIS16475-2BMLZ
ADIS16475-3/PCBZ
ADIS16475-3BMLZ
The electrical interface (J1) on each breakout board comes from
a dual row, 2 mm pitch, 16-pin interface, which supports standard
ribbon cabling (1 mm pitch). Table 135 provides the J1 pin assign-
ments, which support direct connection with an embedded
processor board using standard ribbon cables. Although each
case may present its own set of sensitivities (such as electromag-
netic interference (EMI)), these boards can typically support
reliable communication over ribbon cables up to 20 cm in length.
Table 135. J1 Pin Assignments, Breakout Board
J1 Pin Number
Signal
Function
1
RST
Reset
2
SCLK
SPI
3
CS
SPI
4
DOUT
SPI
5
NC
No connect
6
DIN
SPI
7
GND
Ground
8
GND
Ground
9
GND
Ground
10
VDD
Power, 3.3 V
11
VDD
Power, 3.3 V
12
VDD
Power, 3.3 V
13
DR
Data ready
14
SYNC
Input clock
15
NC
No connect
16
NC
No connect
Figure 52 provides a top level view of the breakout board,
including dimensional locations for all the key mechanical features,
such as the mounting holes and the 16-pin header. Figure 53
provides an electrical schematic for this breakout board. For
additional information, refer to the ADIS1647x/PCB Wiki
Guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com