Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3918 Datasheet(PDF) 116 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 112Page - STMicroelectronics ST25R3918 Datasheet HTML 113Page - STMicroelectronics ST25R3918 Datasheet HTML 114Page - STMicroelectronics ST25R3918 Datasheet HTML 115Page - STMicroelectronics ST25R3918 Datasheet HTML 116Page - STMicroelectronics ST25R3918 Datasheet HTML 117Page - STMicroelectronics ST25R3918 Datasheet HTML 118Page - STMicroelectronics ST25R3918 Datasheet HTML 119Page - STMicroelectronics ST25R3918 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 142 page
background image
Application information
ST25R3918
116/142
DS13490 Rev 1
4.5.60
Auxiliary display register
Register space: A
Address: 31h
Type: R
Table 92. Auxiliary display register
Bit
Name
Default
Function
Comments
7a_cha
-
0: AM
1: PM
Receiver channel used in ongoing/last
reception.
6
efd_o
-
1: External field detected
External field detector output.
5
tx_on
-
1: Transmission is active
Data transmission due to automatic
handling of CE mode collision avoidance
are not indicated.
4
osc_ok
-
1: Xtal oscillation is stable
Indication that Xtal oscillator is active and
its output is stable.
3
rx_on
-
1: Receive decoder is enabled
-
2rx_act
-
1: Receive decoder is receiving a
message
-
1
en_peer
-
1: External field detector is active in
Peer detection mode
-
0
en_ac
-
1: External field detector is active in RF
collision avoidance mode
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com