Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3918 Datasheet(PDF) 120 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 116Page - STMicroelectronics ST25R3918 Datasheet HTML 117Page - STMicroelectronics ST25R3918 Datasheet HTML 118Page - STMicroelectronics ST25R3918 Datasheet HTML 119Page - STMicroelectronics ST25R3918 Datasheet HTML 120Page - STMicroelectronics ST25R3918 Datasheet HTML 121Page - STMicroelectronics ST25R3918 Datasheet HTML 122Page - STMicroelectronics ST25R3918 Datasheet HTML 123Page - STMicroelectronics ST25R3918 Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 142 page
background image
Application information
ST25R3918
120/142
DS13490 Rev 1
4.5.66
Amplitude measurement configuration register
Register space: A
Address: 33h
Type: RW
4.5.67
Amplitude measurement reference register
Register space: A
Address: 34h
Type: RW
Table 99. Amplitude measurement configuration register
Bit
Name
Default
Function
Comments
7
am_d3
0
Definition of ∆am (difference vs.
reference that triggers interrupt)
-
6
am_d2
0
5
am_d1
0
4
am_d0
0
3am_aam
0
0: Exclude the IRQ measurement
1: Include the IRQ measurement
Includes/excludes the measurement that
causes IRQ (having difference > ∆am to
reference) in auto-averaging.
2
am_aew1
0
00: 4
01: 8
10: 16
11: 32
Weight of last measurement result for
auto-averaging.
1
am_aew2
0
0
am_ae
0
0: Use Amplitude measurement
reference register
Selects reference value for amplitude
measurement Wake-up mode.
Table 100. Amplitude measurement reference register
Bit
Name
Default
Function
Comments
7
am_ref7
0
-
-
6
am_ref6
0
-
-
5
am_ref5
0
-
-
4
am_ref4
0
-
-
3
am_ref3
0
-
-
2
am_ref2
0
-
-
1
am_ref1
0
-
-
0
am_ref0
0
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com