Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3918 Datasheet(PDF) 127 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 127 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 123Page - STMicroelectronics ST25R3918 Datasheet HTML 124Page - STMicroelectronics ST25R3918 Datasheet HTML 125Page - STMicroelectronics ST25R3918 Datasheet HTML 126Page - STMicroelectronics ST25R3918 Datasheet HTML 127Page - STMicroelectronics ST25R3918 Datasheet HTML 128Page - STMicroelectronics ST25R3918 Datasheet HTML 129Page - STMicroelectronics ST25R3918 Datasheet HTML 130Page - STMicroelectronics ST25R3918 Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 142 page
background image
DS13490 Rev 1
127/142
ST25R3918
Electrical characteristics
141
5.3
DC/AC characteristics for digital inputs and outputs
Table 110. Characteristics of CMOS I/Os(1)
Type
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Inputs(2)
VIH
High level input voltage
-
0.8 * VDD_IO
--
V
VIL
Low level input voltage
-
-
-
0.2 * VDD_IO
ILEAK
Input leakage current
VDD_IO = 5.5 V
-1
-
1
µA
Output
VOH
High level output voltage
Isource = 1 mA
VDD_IO = 3.3
to5.5 V,
io_drv_lvl=0
0.9 * VDD_IO
--
V
Isource = 0.5 mA
VDD_IO < 3.3 V
io_drv_lvl = 1
--
VOL
Low level output voltage
Isource = 1 mA
VDD_IO = 3.3 to
V, io_drv_lvl=0
-
-
0.1 * VDD_IO
Isource = 0.5 mA
VDD_IO < 3.3 V
io_drv_lvl = 1
-
-
0.1 * VDD_IO
CL
Capacitive load
-
-
-
50
pF
RO
Output resistance
VDD_IO = 3.3 V
-
250
500
Ω
RPD
Pull-down resistance pin MISO(3) VDD_IO = 3.3 V
-
10
13
kΩ
1. Minimum and maximum values tested in production at 25 °C, other values characterized only.
2. Pins BSS, MOSI and SCLK.
3. Use bits miso_pd1 and miso_pd2 in the IO configuration register 2 to control the optional pull down on the MISO pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com