Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3918 Datasheet(PDF) 128 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 128 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 124Page - STMicroelectronics ST25R3918 Datasheet HTML 125Page - STMicroelectronics ST25R3918 Datasheet HTML 126Page - STMicroelectronics ST25R3918 Datasheet HTML 127Page - STMicroelectronics ST25R3918 Datasheet HTML 128Page - STMicroelectronics ST25R3918 Datasheet HTML 129Page - STMicroelectronics ST25R3918 Datasheet HTML 130Page - STMicroelectronics ST25R3918 Datasheet HTML 131Page - STMicroelectronics ST25R3918 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 142 page
background image
Electrical characteristics
ST25R3918
128/142
DS13490 Rev 1
5.4
Electrical characteristics
Table 111. ST25R3918 electrical characteristics (VDD = 3.3 V) (1)(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IPD
Supply current in Power-down mode
TJun = -40 °C to 25 °C (3)
-0.8
2.5
µA
TJun = 85 °C (3)
-2
20
TJun = 125 °C (3)
-12
60
INFCT
Supply current in Initial NFC target mode
TJun = -40 °C to 25 °C (4)
-3.5
7.0
µA
TJun = 85 °C (4)
-5
20
TJun = 125 °C (4)
-14
60
IWU
Supply current in Wake-up mode
(logic and RC oscillator)
TJun = -40 °C to 25 °C (5)
-3.0
6.3
µA
TJun = 85 °C (5)
2.8
20
TJun = 125 °C (5)
15
60
IRD
Supply current in Ready mode
(6)
-4.5
7.5
mA
IAL
Supply current all active
(7)
-16
23
IAL-AM
Supply current all active, AM
(8)
-17
26
IAL1
Supply current all active single RX channel
(9)
-11
16
RRFO
RFO1 and RFO2 driver output resistance
IRFO = 10 mA
-
6.8
16
Ω
VRFI
RFI input sensitivity
(10)
-0.5
-
mVrms
RRFI
RFI input resistance
(11)
-12
16
kΩ
VPOR
Power on reset voltage
(11)
1.0
1.45
2.0
V
VAGDC
AGDC voltage
(6) (11)
1.4
1.5
1.6
VREG
Regulated voltage
(12)
2.65
3.00
3.20
1. 3.3 V supply mode with VDD = 3.3 V, unless specified otherwise. Regulated voltages are set at 3.0 V (unless specified
otherwise), 27.12 MHz Xtal connected to XTO and XTI.
2. Minimum and maximum values tested in production at 25 °C, other temperature values characterized only.
3. Registers 00h to 07h (no clock on MCU_CLK), 01h to 80h (3 V supply mode), other registers in default state.
4. Registers 00h to 07h (no clock on MCU_CLK), 01h to 80h (3 V supply mode), 02h to 03h (external field detector enable),
03h to E8h (enable NFC Target mode), other registers in default state.
5. Registers 00h to 07h (no clock on MCU_CLK), 01h to 80h (3 V supply mode), 02h to 04h (enable Wake-up mode), 32h to
08h (100 ms timeout, IRQ at every timeout), other registers in default state.
6. Registers 00h to 07h (no clock on MCU_CLK), 01h to C0h (3 V supply mode, disable VDD_D), 02h to 80h (en = 1), 2Ch to
D8h (3.0 V regulator), other registers in default state, short VDD_A and VDD_D.
7. Registers 00h to 07h (no clock on MCU_CLK), 01h to C0h (3 V supply mode, disable VDD_D), 02h to C8h (enable RX,
enable TX), 28h to 7Fh (RFO segments disabled), 2Ch to D8h (3.0 V regulator), other registers in default state, short
VDD_A and VDD_D.
8. Registers 00h to 07h (no clock on MCU_CLK), 01h to C0h (3 V supply mode, disable VDD_D), 02h to C8h (enable RX,
enable TX), 03h to 14h (AM modulation), 28h to 7Fh (RFO segments disabled), 2Ch to D8h (3.0 V regulator), other
registers in default state, short VDD_A and VDD_D.
9. Registers 00h to 07h (no clock on MCU_CLK), 01h to C0h (3 V supply mode, disable VDD_D), 02h to E8h (enable RX, 1
RX channel, enable TX), 28h to 7Fh (RFO segments disabled), 2Ch to D8h (3.0 V regulator), other registers in default
state, short VDD_A and VDD_D.
10. fSUB = 848 kHz, AM channel with peak detector input stage selected.
11. Characterized only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com