Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3918 Datasheet(PDF) 134 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 134 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 130Page - STMicroelectronics ST25R3918 Datasheet HTML 131Page - STMicroelectronics ST25R3918 Datasheet HTML 132Page - STMicroelectronics ST25R3918 Datasheet HTML 133Page - STMicroelectronics ST25R3918 Datasheet HTML 134Page - STMicroelectronics ST25R3918 Datasheet HTML 135Page - STMicroelectronics ST25R3918 Datasheet HTML 136Page - STMicroelectronics ST25R3918 Datasheet HTML 137Page - STMicroelectronics ST25R3918 Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 142 page
background image
Electrical characteristics
ST25R3918
134/142
DS13490 Rev 1
Table 120. 100 kHz AC characteristics(1)
Symbol
Alt.
Parameter
Min
Max
Unit
fC
fSCL
Clock frequency
-
100
kHz
tCHCL
tHIGH
Clock pulse width high
4000
-
ns
tCLCH
tLOW
Clock pulse width low
4700
-
tQL1QL2
tF
SDA (out) fall time
-
300
tDXCH
tSU:DAT
Data in set up time
250
-
tCLDXXtHD:DAT
Data in hold time
5000
-
tCLQX
tDH
Data out hold time
50
-
tCLQV
tAA
Clock low to next data valid (access time)
-
3450
tCHDL
tSU:STA
Start condition setup time
4700
-
tDLCL
tHD:STA
Start condition hold time
4000
-
tCHDH
tSU:STO
Stop condition set up time
4000
-
tDHDL
tBUF
Time between Stop condition and next
Start condition
4700
-
tNS(2)
-
Pulse width ignored (input filter on SCL
and SDA), single glitch
-40
1. Conditions in addition to those specified in Table 116 and Table 117.
2. Characterized only.
Table 121. 400 kHz AC characteristics(1) (2)
Symbol
Alt.
Parameter
Min
Max
Unit
fC
fSCL
Clock frequency
-
400
kHz
tCHCL
tHIGH
Clock pulse width high
600
-
ns
tCLCH
tLOW
Clock pulse width low
1300
-
tQL1QL2
tF
SDA (out) fall time
-
300
tDXCH
tSU:DAT
Data in set up time
100
-
tCLDXXtHD:DAT
Data in hold time
0
-
tCLQX
tDH
Data out hold time
50
-
tCLQV
tAA
Clock low to next data valid (access time)
-
900
tCHDL
tSU:STA
Start condition setup time
600
-
tDLCL
tHD:STA
Start condition hold time
600
-
tCHDH
tSU:STO
Stop condition set up time
600
-
tDHDL
tBUF
Time between Stop condition and next
Start condition
1300
-
tNS
-
Pulse width ignored (input filter on SCL
and SDA), single glitch
-40
1. Conditions in addition to those specified in Table 116 and Table 117.
2. Characterized only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com