Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3918 Datasheet(PDF) 135 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 135 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 131Page - STMicroelectronics ST25R3918 Datasheet HTML 132Page - STMicroelectronics ST25R3918 Datasheet HTML 133Page - STMicroelectronics ST25R3918 Datasheet HTML 134Page - STMicroelectronics ST25R3918 Datasheet HTML 135Page - STMicroelectronics ST25R3918 Datasheet HTML 136Page - STMicroelectronics ST25R3918 Datasheet HTML 137Page - STMicroelectronics ST25R3918 Datasheet HTML 138Page - STMicroelectronics ST25R3918 Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 142 page
background image
DS13490 Rev 1
135/142
ST25R3918
Electrical characteristics
141
Table 122. 1 MHz AC characteristics(1)(2)
Symbol
Alt.
Parameter
Min
Max
Unit
fC
fSCL
Clock frequency
-
1
MHz
tCHCL
tHIGH
Clock pulse width high
260
-
ns
tCLCH
tLOW
Clock pulse width low
500
-
tQL1QL2
tF
SDA (out) fall time
-
120
tDXCH
tSU:DAT
Data in set up time
50
-
tCLDXXtHD:DAT
Data in hold time
0
-
tCLQX
tDH
Data out hold time
50
-
tCLQV
tAA
Clock low to next data valid (access time)
-
450
tCHDL
tSU:STA
Start condition setup time
250
-
tDLCL
tHD:STA
Start condition hold time
250
-
tCHDH
tSU:STO
Stop condition set up time
250
-
tDHDL
tBUF
Time between Stop condition and next
Start condition
500
-
tNS
-
Pulse width ignored (input filter on SCL
and SDA), single glitch
-40
1. Conditions in addition to those specified in Table 116 and Table 117.
2. Characterized only.
Table 123. 3.4 MHz AC characteristics(1)(2)(3)
Symbol
Alt.
Parameter
Min
Max
Unit
fC
fSCL
Clock frequency
-
3.4
MHz
tCHCL
tHIGH
Clock pulse width high
80
-
ns
tCLCH
tLOW
Clock pulse width low
160
-
tQL1QL2
tF
SDA (out) fall time (10-100 pF)
-
41
tDXCH
tSU:DAT Data in set up time
25
-
tCLDXXtHD:DAT Data in hold time
0
-
tCLQX
tDH
Data out hold time
20
-
tCLQV
tAA
Clock low to next data valid
-
150
tCHDL
tSU:STA Start condition setup time
160
-
tDLCL
tHD:STA Start condition hold time
160
-
tCHDH
tSU:STO Stop condition set up time
160
-
tNS
-
Pulse width ignored (input filter on SCL and SDA),
single glitch
-10
1. Conditions in addition to those specified in Table 116 and Table 117.
2. Characterized only.
3. VDD_IO supply must not exceed VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com