Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3565RT-E/SFX Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP3565RT-E/SFX
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565RT-E/SFX Datasheet(HTML) 5 Page - Microchip Technology

  MCP3565RT-E/SFX Datasheet HTML 1Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 2Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 3Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 4Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 5Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 6Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 7Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 8Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 108 page
background image
2020-2021 Microchip Technology Inc.
DS20006401C-page 5
MCP3565R
Analog Inputs
Input Voltage at Input Pin
CHN
AGND – 0.1
—
AVDD + 0.1
V
Analog inputs are measured
with respect to AGND
Differential Input Range
VIN
-VREF/GAIN
—
+VREF/GAIN
V
Differential Input
Impedance
(Note 5)
ZIN
—
510
—
k
GAIN = 0.33x, proportional to
1/AMCLK
—
260
—
k
GAIN = 1x, proportional to
1/AMCLK
—
150
—
k
GAIN = 2x, proportional to
1/AMCLK
—
80
—
k
GAIN = 4x, proportional to
1/AMCLK
—
40
—
k
GAIN = 8x, proportional to
1/AMCLK
—
20
—
k
GAIN ≥ 16x, proportional to
1/AMCLK
Analog Input Leakage
Current During ADC
Shutdown
ILI_A
—
±10
—
nA
Internal Voltage Reference
Internal VREF Absolute
Voltage
IVREF
-2%
2.4
+2%
V
VREF_SEL = 1,
TA = +25°C only
Internal VREF
Temperature Coefficient
TCREFE
—
15
40
ppm/°C TA = -40°C to +125°C,
Extended Temperature Range
(Note 2)
Internal VREF
Temperature Coefficient
TCREFI
—
9
40
ppm/°C TA = -40°C to +85°C,
Industrial Temperature Range
(Note 2)
Voltage Reference Buffer
Short-Circuit Current
IREF_SC
—
—
8
mA
REFIN+/OUT shorted to AGND,
VREF_SEL = 1 (Note 9)
Internal Reference
Settling Time
tVREF_SET
—
12
—
ms
Settling to 10 ppm from final
value, bypass capacitor 1 µF
(Notes 2, 11)
Internal VREF Output
Noise
VREF_Noise
—
14.3
—
µV
VREF_SEL = 1, AZ_VREF = 1
(chopper on), TA = +25°C only
(Note 2)
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all parameters apply at AVDD = 2.7V to 3.6V, DVDD = 1.8V to AVDD + 0.1V,
MCLK = 4.9152 MHz, VREF = AVDD, ADC_MODE[1:0] = 11. All other register map bits to their default conditions,
TA = -40°C to +125°C, VIN = -0.5 dBFS at 50 Hz.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: This parameter is ensured by design and not 100% tested.
2: This parameter is ensured by characterization and not 100% tested.
3: REFIN- must be connected to ground for single-ended measurements.
4: Full-Scale Range (FSR) = 2 x VREF/GAIN.
5: This input impedance is due to the internal input sampling capacitor and frequency. This impedance is measured
between the two input pins of the channel selected with the input multiplexer.
6: Applies to all analog gains. Offset and gain errors depend on analog gain settings. See Sections 2.0 “Typical
Performance Curves”.
7: INL is the difference between the endpoints line and the measured code at the center of the quantization band.
8: DIDD is measured while no transfer is present on the SPI bus.
9: An external buffer is recommended for external use.
10:Start-up time is the reaction time to the SPI command.
11:Settling time depends on bypass caps on the REFIN+/OUT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com