Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3565RT-E/SFX Datasheet(PDF) 79 Page - Microchip Technology

Part # MCP3565RT-E/SFX
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565RT-E/SFX Datasheet(HTML) 79 Page - Microchip Technology

Back Button MCP3565RT-E/SFX Datasheet HTML 75Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 76Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 77Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 78Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 79Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 80Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 81Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 82Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 108 page
background image
2020-2021 Microchip Technology Inc.
DS20006401C-page 79
MCP3565R
6.9.3
INTERNAL CLOCK MODE WITH
EXTERNAL AMCLK CLOCK
OUTPUT (CLK_SEL[1:0] = 11)
This mode is accessed by writing CLK_SEL[1:0] = 11.
This mode defines the SCK pin as both the Serial Clock
Input and the Analog Master Clock Output (AMCLK). In
regard to the MCLK clock domain, the SCK pin is an
output pin that shows a continuous clock AMCLK gener-
ated by the internal oscillator. In regard to the SCK clock
domain, the SCK pin is still the input pin for the digital
interface. In this mode, the SCK and MCLK are equal
and the device becomes a fully synchronous system.
The MCU connected to the SPI port has to be config-
ured to receive the SCK output and to generate
synchronized commands with this output; it needs to be
in SPI client mode. When this mode is enabled and
running, the transitions on the CS pin do not impact the
SCK output, AMCLK is always available on the SCK
output even if CS is logic high.
Considering that the SCK pin becomes an output in this
clock mode, the transitions to and from this mode need
special care in order to avoid bus contention errors on
the SCK pin. The transition to this mode from another
clock mode is detailed in Figure 6-15.
The transition is not immediate; it does not occur as
soon as the CLK_SEL[1:0] = 11 bits are written in the
CONFIG0 register. This writing resets the master clock
internally until a new command is launched (CS falling
edge). In this case, the SCK is configured as the
AMCLK output and always starts with a Logic Low state
when it is at the CS falling edge transition.
To avoid bus contention errors, it is recommended to
keep the SCK state to logic low, before having the first
CS falling edge, after the writing of the CLK_SEL[1:0]
bits in CONFIG0 (as shown in Figure 6-15).
Considering that the internal oscillator starts at the CS
falling edge after the SPI write (CLK_SEL[1:0] = 11), a
settling time is necessary before being able to reach
the internal oscillator nominal frequency. It is recom-
mended not to launch conversions before this nominal
clock frequency value has been established.
The opposite transition, from CLK_SEL[1:0] = 11 to
another clock mode, is described in Figure 6-16. This
transition is also not immediate in order to allow a
smooth transition from an SCK Output to an SCK Input
mode.
Writing the CLK_SEL[1:0] bits to ‘10’ or ‘0x’ resets the
internal master clock immediately, but the SCK is still
present as an output until CS sees a rising edge. After the
CS rising edge, the SCK output is placed in a
High-Impedance mode and the SCK becomes an output.
The master clock stays in Reset until the next CS falling
edge is detected. As soon as this happens, the SCK
can be used in the new selected mode.
FIGURE 6-15:
MCP3565R Transition from CLK_SEL[1:0] = 0x/10 to 11.
Don’t care
Don’t care
Don’t care
SDI
SDO
Hi-Z
Hi-Z
Write CLK_MODE = 11
(Int with RC CLK output on pin
SCK)
MCLK
SCK
Internal MCLK mode (output on SCK) validated
Reset MCLK
1
8
1
1
8
Start the int OSC
TCLZ
Control By te
Status Byte
Status Byte
IF CLK_MODE = 0x => MCLK = SCK
IF CLK_MODE = 10 => MCLK = Int RC OSC
Control Byte
8
Continuou
s clocking
Continuous write
Hi-Z
Free running SCK comming from internal OSC
Input
SCK PAD
direction
Output
Hi-Z
SPI mode 1,1
SPI mode 0,0
CS High aborts SPI
communication but doesn’t
stop internal MCLK
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com