Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3565RT-E/SFX Datasheet(PDF) 77 Page - Microchip Technology

Part # MCP3565RT-E/SFX
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565RT-E/SFX Datasheet(HTML) 77 Page - Microchip Technology

Back Button MCP3565RT-E/SFX Datasheet HTML 73Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 74Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 75Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 76Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 77Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 78Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 79Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 80Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 108 page
background image
2020-2021 Microchip Technology Inc.
DS20006401C-page 77
MCP3565R
6.8.3
CRCCFG ERROR INTERRUPT
The CRCCFG interrupt happens when an error in the
CRC-16 checksum has been detected in the register
map CRC calculation.
This interrupt is implemented with two different and
independent mechanisms: STATUS byte on SDO and
IRQ register Status bit.
6.8.3.1
STATUS Byte on SDO
In case of a CRCCFG error on the next STATUS byte
transmitted on SDO, the CRCCFG_STATUS bit is logic
low. Once the STATUS byte has been transmitted, the
CRCCFG_STATUS bit appears as ‘1’ until a new
interrupt occurs. If the error is detected again between
two STATUS byte transmissions, the CRCCFG_STATUS
bit on SDO will appear as equal to ‘0’ on the second
reading.
6.8.3.2
IRQ Register Status Bit
In case of a CRCCFG error, the CRCCFG_STATUS bit
in the IRQ register is set to ‘0’. Once the IRQ register is
fully read, the CRCCFG_STATUS bit is reset to ‘1’. If
the CRCCFG error happens again between two read-
ings of the IRQ register, the IRQ register Status bit will
appear as ‘0’ on the second reading.
6.9
Master Clock Input/Output Modes
The MCP3565R device does not include a dedicated
input/output master clock pin. In the MCP3565R, the
SCK pin is used to enter the external Master Clock
(MCLK) for the ADC or to deliver the Analog Master
Clock to the MCU. The SCK pin can be bidirectional
and the direction of the SCK I/O is determined by the
CLK_SEL[1:0] bits setting. Additionally, the transitions
from Input to Output mode and vice-versa, need extra
care in order to avoid bus contention errors and induce
a specific sequence that allows smooth transitions.
These transitions are described in the following
sections and in Figure 6-13 to Figure 6-16. The follow-
ing sections detail precisely each possible mode of
operation as defined in Table 5-12.
6.9.1
INTERNAL OSCILLATOR MODE
WITHOUT EXTERNAL CLOCK
OUTPUT (CLK_SEL[1:0] = 10)
This mode is accessed by writing CLK_SEL[1:0] = 10.
This mode is the easiest to use, as SCK does not share
its functionality. In this mode, SCK is only the Serial
Clock Input for the SPI digital Interface. The Master
Clock (MCLK) is generated by the internal oscillator
and runs asynchronously with the Serial Clock (SCK).
The master clock is not propagated on any output.
Toggling the CS pin does not reset or impact the
internal MCLK clock generation.
6.9.2
EXTERNAL CLOCK MODE
(CLK_SEL[1:0] = 0x)
This mode is accessed by writing CLK_SEL[1:0] = 0x.
This mode defines the SCK pin as both the Serial Clock
Input and the Master Clock Input. In this mode, the
SCK and MCLK are equal, therefore the device
becomes a fully synchronous system. If the ADC is not
in Conversion mode, the SCK input clock has no
restrictions, but if the ADC is running, the SCK input
clock should be continuous and its frequency should be
kept constant to ensure the optimal performance of the
ADC. During this Free-Running Clock mode, the SPI
communications should not impact the clock frequency
and need to be synchronized on the SCK input.
Toggling the CS pin does not reset or impact the MCLK
clock input. SCK always remains an MCLK input in this
mode, even when CS is logic high, while the SPI
commands are not taken into account anymore. Using
a MCU that can be set in Framed SPI mode can help to
design a fully synchronous system. The MCU can
continuously send frames at the same frequency,
where some frames are simply clock frames with no
communication (CS is kept logic high) and some
frames include communications (CS kept logic low and
SDI can toggle to define commands). Therefore, the
toggling of the CS input is synchronized with the
free-running clock, SCK, so that the communications
can happen at any desired time without impacting the
SCK continuous clocking.
Since the SCK pin remains as an input for both
CLK_SEL[1:0] = 0x and 10 modes, the transition from
one to another is instantaneous, as soon as the write
command is completed (end of last bit of the CONFIG0
register). The transition from one to another mode
resets any current conversion and resets the internal
clock phases in order to restart from a unique pre-
defined Reset state. Respecting the SPI timings
ensures that the transition from one mode to another is
handled properly by the device. When a transition to
CLK_SEL[1:0] happens, the internal oscillator is
restarted from a Shutdown state and the start-up time
of the oscillator is necessary to ensure that the internal
clock frequency is settled to a stable final value.
Figure 6-13 and Figure 6-14 show in detail the transi-
tions from and to CLK_SEL[1:0] = 0x and 10 modes for
the MCP3565R device. In Figure 6-14, the prescaler is
set to PRE[1:0] = 00 (1:1) so that AMCLK = MCLK.
Note:
If MCLK starts running before the device
is locked, an interrupt can momentarily
occur, even if registers have not been cor-
rupted. In such a case, the user must send
a start/restart conversion Fast command,
which clears the unwanted interrupt and
correctly restarts the CRC calculations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com