Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3565RT-E/SFX Datasheet(PDF) 80 Page - Microchip Technology

Part # MCP3565RT-E/SFX
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565RT-E/SFX Datasheet(HTML) 80 Page - Microchip Technology

Back Button MCP3565RT-E/SFX Datasheet HTML 76Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 77Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 78Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 79Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 80Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 81Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 82Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 83Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 108 page
background image
MCP3565R
DS20006401C-page 80
2020-2021 Microchip Technology Inc.
FIGURE 6-16:
MCP3565R Transition from CLK_SEL[1:0] = 11 to 0x/10.
Don’t care
External or internal cloc k (no output) mode validated
Don’t care
SDI
SDO
Hi-Z
Hi-Z
MCLK
SCK
CS High aborts SPI
communication but
does n’t stop internal
MCLK
Status By te
Free running SCK comming from internal OSC
Outpu t
SCK PAD
direction
Input
1
8
Control Byte
1
Continuo
us
clock ing
1
8
Status By te
8
Max TCLZ
Hi-Z
Hi-Z
Write CLK_MODE = 0x (Ext CLK input on pin SCK)
or
Write CLK_MODE = 10 (Int RC without output on pin SCK)
Control By te
Continuous write
IF CLK_MODE = 0x => MCLK = SCK
IF CLK_MODE = 10 => MCLK = Int
RC OSC
Reset MCLK
SPI mode 1,1
SPI mode 0,0
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com