Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3565RT-E/SFX Datasheet(PDF) 73 Page - Microchip Technology

Part # MCP3565RT-E/SFX
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565RT-E/SFX Datasheet(HTML) 73 Page - Microchip Technology

Back Button MCP3565RT-E/SFX Datasheet HTML 69Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 70Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 71Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 72Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 73Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 74Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 75Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 76Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 108 page
background image
2020-2021 Microchip Technology Inc.
DS20006401C-page 73
MCP3565R
Continuous streaming is possible, but needs extra care
from the user to correctly synchronize with the device
by using the Data Ready Event.
When MCLK is generated externally, the user can
count the number of MCLK clocks sent to the device
and read the ADC data after the Data Ready Event that
is generated after a defined number of clock periods
(see Table 5-6 for more information about the number
of clocks required for obtaining Data Ready Events).
If the user desires to perform continuous streaming of
ADC output data, it is recommended to poll the STATUS
byte and start reading ADC data only when the
DR_STATUS bit is effectively set to ‘0’ (see Section 6.8.1
“Conversion Data Ready (DR) Interrupt” for more infor-
mation about the interrupt mechanisms attached to the
Data Ready Event).
Retrieving a data ready interrupt, by reading the
STATUS byte or reading the IRQ register, automatically
ensures that the tDODR timing is respected.
6.5
Securing Read Communications
through CRC-16 Checksum
Since some applications can generate or receive large
EMI/EMC interferences and large transient spikes, it is
helpful to secure SPI communications as much as
possible to maintain data integrity and desired
configurations during the application’s lifetime.
The communication data on the SDO pin can be
secured through the insertion of a Cyclic Redundancy
Check (CRC) checksum at the end of each read
sequence. The CRC checksum on communications
can be enabled or disabled through the EN_CRCCOM
bit in the CONFIG3 register. The CRC message
ensures the integrity of the read sequence bits
transmitted on the SDO pin.
The CRC checksum in the MCP3565R uses the 16-bit
CRC-16 ANSI polynomial, as defined in the IEEE 802.3
Standard: x16 + x15 + x2 + 1.
This polynomial can also be noted as 0x8005. CRC-16
detects all single and double-bit errors, all errors with
an odd number of bits, all burst errors of 16 bits in
length or less and most errors for longer bursts. This
allows an excellent coverage of the SPI communication
errors that can occur in the system and heavily reduces
the risk of a miscommunication, even under noisy
environments.
When enabled, the CRC checksum (CRCCOM[15:0])
is propagated on SDO after each read communication
sequence.
In case of a Static Read command, the checksum is
propagated after each register read. In case of an
Incremental Read command, the checksum is propa-
gated after the last register read in the register map
(address: 0xF). Figure 6-11 and Figure 6-12 show
typical read communications in Static Read and
Incremental Read modes, respectively, when the
EN_CRCCOM bit is enabled. Since the STATUS byte
is propagated on SDO, it is part of the first message
and it is included in the calculation of the first check-
sum. For subsequent checksum calculations, the
message only contains the registers that are effectively
read in between two checksums.
The CRC-16 format displayed on the SDO pin depends
on the CRC_FORMAT bit in the CONFIG3 register (see
Figure 6-10). It can have a 16-bit or 32-bit format to be
compatible with both 16-bit and 32-bit MCUs. The
CRCCOM[15:0] bits calculated by the device do not
depend on the format (the device always calculates a
16-bit only CRC checksum).
FIGURE 6-10:
CRC Format Table for Read
Communications.
The CRC calculation computed by the device is fully
compatible with the CRC hardware contained in the
Direct Memory Access (DMA) of the PIC24 and PIC32
MCU product lines. The CRC message that should be
considered in the PIC® device DMA is the concatena-
tion of the read sequence and its associated
checksum. When the DMA CRC hardware computes
this extended message, the resulting checksum should
be 0x0000. Any other result indicates that a
miscommunication has occurred, and that the current
communication sequence should be stopped and
restarted.
CRCCOM[15:0]
CRCCOM[15:0]
0x0000
CRC_FORMAT = 0: 16-Bit
(Default)
CRC_FORMAT = 1: 32-Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com