Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3565RT-E/SFX Datasheet(PDF) 91 Page - Microchip Technology

Part # MCP3565RT-E/SFX
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565RT-E/SFX Datasheet(HTML) 91 Page - Microchip Technology

Back Button MCP3565RT-E/SFX Datasheet HTML 87Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 88Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 89Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 90Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 91Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 92Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 93Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 94Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 108 page
background image
2020-2021 Microchip Technology Inc.
DS20006401C-page 91
MCP3565R
8.6
IRQ REGISTER
Name
Bits
Address
Cof
IRQ
8
0x5
R/W
REGISTER 8-6:
IRQ: INTERRUPT REQUEST REGISTER
U-0
R-1
R-1
R-1
R/W-0
U-1
R/W-1
U-1
—
DR_STATUS CRCCFG_STATUS POR_STATUS EN_MDAT
—
EN_FASTCMD
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Read as ‘0’
bit 6
DR_STATUS: Data Ready Status Flag
1 = ADCDATA has not been updated since the last reading or last reset (default).
0 = New ADCDATA ready for reading.
bit 5
CRCCFG_STATUS: CRC Error Status Flag for Internal Registers
1 = CRC error has not occurred for the Configuration registers (default).
0 = CRC error has occurred for the Configuration registers.
bit 4
POR_STATUS: POR Status Flag
1 = POR has not occurred since the last reading (default).
0 = POR has occurred since the last reading.
bit 3
EN_MDAT: Modulator Output Data Enable
1 = Places modulator output on the ADCDATA register, which then becomes a 4-bit register, which reads
COMP[3:0].
0 = Modulator output is not provided. ADCDATA shows the ADC output after decimation filter.
bit 2
Unimplemented: Read as ‘1’
bit 1
EN_FASTCMD: Enable Fast Commands in the COMMAND Byte
1 = Fast commands are enabled (default)
0 = Fast commands are disabled
bit 0
Unimplemented: Read as ‘1’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com