Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3565RT-E/SFX Datasheet(PDF) 95 Page - Microchip Technology

Part # MCP3565RT-E/SFX
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565RT-E/SFX Datasheet(HTML) 95 Page - Microchip Technology

Back Button MCP3565RT-E/SFX Datasheet HTML 91Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 92Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 93Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 94Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 95Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 96Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 97Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 98Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 108 page
background image
2020-2021 Microchip Technology Inc.
DS20006401C-page 95
MCP3565R
8.10 OFFSETCAL REGISTER
8.11 GAINCAL REGISTER
Name
Bits
Address
Cof
OFFSETCAL
24
0x9
R/W
REGISTER 8-10: OFFSETCAL: OFFSET CALIBRATION REGISTER
R/W-0
OFFSETCAL[23:0]
bit 23
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
Bit 23-0
OFFSETCAL[23:0]: Offset Error Digital Calibration Code (two’s complement, MSb first coding)
See
Sections 5.13 “Digital System Offset and Gain Calibrations”.
Name
Bits
Address
Cof
GAINCAL
24
0xA
R/W
REGISTER 8-11: GAINCAL: GAIN CALIBRATION REGISTER
R/W-1
R/W-0
GAINCAL[23:0]
bit 23
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
Bit 23-0
GAINCAL[23:0]: Gain Error Digital Calibration Code (unsigned, MSb first coding)
The GAINCAL default value is 800000, which provides a gain of 1x. See
Section 5.13 “Digital
System Offset and Gain Calibrations”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com