Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3565RT-E/SFX Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP3565RT-E/SFX
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565RT-E/SFX Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP3565RT-E/SFX Datasheet HTML 6Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 7Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 8Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 9Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 10Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 11Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 12Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 13Page - Microchip Technology MCP3565RT-E/SFX Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 108 page
background image
MCP3565R
DS20006401C-page 10
2020-2021 Microchip Technology Inc.
TABLE 1-2:
SPI SERIAL INTERFACE TIMING SPECIFICATIONS FOR DVDD = 1.8V TO 2.7V
(10 MHz MAXIMUM SCK FREQUENCY)
Electrical Specifications: DVDD = 1.8V to 2.7V, TA = -40°C to +125°C, CLOAD = 30 pF. See Figure 1-1.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Serial Clock Frequency
fSCK
—
—
10
MHz
CS Setup Time
tCSS
50
—
—
ns
CS Hold Time
tCSH
100
—
—
ns
CS Disable Time
tCSD
100
—
—
ns
Data Setup Time
tSU
10
—
—
ns
Data Hold Time
tHD
20
—
—
ns
Serial Clock High Time
tHI
40
—
—
ns
Serial Clock Low Time
tLO
40
—
—
ns
Serial Clock Delay Time
tCLD
100
—
—
ns
Serial Clock Enable Time
tCLE
100
—
—
ns
Output Valid from SCK Low
tDO
—
—
50
ns
Output Hold Time
tHO
0
—
—
ns
Output Disable Time
tDIS
—
—
50
ns
Measured with a 1.5 mA
pull-up current source on the
SDO pin
Output Valid from CS Low
tCSSDO
—
—
50
ns
SDO toggles to logic low at
each communication start (CS
falling edge)
TABLE 1-3:
DIGITAL I/O DC SPECIFICATIONS
Electrical Specifications: Unless otherwise indicated, all parameters apply at DVDD = 1.8V to 3.6V,
TA = -40°C to +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Schmitt Trigger High-Level
Input Voltage
VIH
0.7 x DVDD
—
—
V
Schmitt Trigger Low-Level
Input Voltage
VIL
—
—
0.3 x DVDD
V
Hysteresis of Schmitt Trigger
Inputs
VHYS
—
200
—
mV
Low-Level Output Voltage
VOL
—
—
0.2 x DVDD
V
IOL = +1.5 mA
High-Level Output Voltage
VOH
0.8 x DVDD
—
—
V
IOH = -1.5 mA
Input Leakage Current
ILI_D
—
—
1
µA
Pins configured as inputs
or high-impedance outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com